Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 86Page - STMicroelectronics ST40RA150XHA Datasheet HTML 87Page - STMicroelectronics ST40RA150XHA Datasheet HTML 88Page - STMicroelectronics ST40RA150XHA Datasheet HTML 89Page - STMicroelectronics ST40RA150XHA Datasheet HTML 90Page - STMicroelectronics ST40RA150XHA Datasheet HTML 91Page - STMicroelectronics ST40RA150XHA Datasheet HTML 92Page - STMicroelectronics ST40RA150XHA Datasheet HTML 93Page - STMicroelectronics ST40RA150XHA Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
ADCS 7260755H
STMicroelectronics
92/94
ST40RA
Revision history
Version D
Cover
Title changed
Old Figure 1 replaces cover diagram
3 ST40 systems using the ST40RA
Section removed
4 ST40RA system organization
Section 5.6: EMI address pin mapping on page 18
Definition of address lines on EMI interface in 8-, 16- and 32-
bit data width
5 Electrical specifications
Section 7.2: Rise and fall times on page 47
Rise and fall times for the memory interfaces
Version C
Name change from ST40STB1 to ST40RA
New sections
5.2 System identifiers
5.6.8 PLL programming formulas
5.6.9 PLL stabilization times
6.1.1 Fmax clock domains
6.5 DDR bus termination (SSTL_2)
B1.3 UBC power down
B2.2 Type 2 configuration accesses
B8 LMI
B9 GPDMA
B10 RTC clock
New tables
Table 31 Power dissipation
New figures
Figure 2 Pocket multimedia device
Figure 8 Pads characteristics for SL, P8, C2A and C2B pad
types
Figure 9 Pad characteristics for C4 and E4 pad types
Figure 13 SSTL_2 bus termination
Sections revised
Cover: bus interface figures for LMI and EMI changed
3 ST40 systems using the ST40RA: rewording
6 Electrical specifications: AC/DC characterization figures
changed
B2.3 Software visible changes between ST40RAHC7 and
ST40RAH8D: used to be MBAR register definition
B3.1 EMPI burst mode operation: ST40RA MPX target:
clarifying sentence added at end
B9.2 2D transfers: point 3 explained more fully
Version
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com