Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 47Page - STMicroelectronics ST40RA150XHA Datasheet HTML 48Page - STMicroelectronics ST40RA150XHA Datasheet HTML 49Page - STMicroelectronics ST40RA150XHA Datasheet HTML 50Page - STMicroelectronics ST40RA150XHA Datasheet HTML 51Page - STMicroelectronics ST40RA150XHA Datasheet HTML 52Page - STMicroelectronics ST40RA150XHA Datasheet HTML 53Page - STMicroelectronics ST40RA150XHA Datasheet HTML 54Page - STMicroelectronics ST40RA150XHA Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
7 Electrical specifications
ST40RA
51/94
STMicroelectronics
ADCS 7260755H
7.4
LMI interface (SDRAM) AC specifications
Figure 11: LMI SDRAM mode timings
Symbol
Parameter
Min
Max
Units
Note
tLCHLCH
LMI clock period
10
ns
tLCHLCL
LMI clock high time
0.45
tLCHLCH
tLCLLCH
LMI clock low period
0.45
tLCHLCH
tLCHLOV
LCLKOUT low to output signals valid
-2
2
ns
tLCHLOZ
LCLKOUT high to outputs tri-state
0
2
ns
tLCHLON
LCLKOUT high to outputs on
-2
ns
tLIVLCH
Input signals valid to LCLKOUT high
2
ns
tLCHLIX
Input signals hold after LCLKOUT high
2
ns
Table 26: LMI SDRAM AC timings
Tri-state outputs
LCLKOUTA
Outputs
tLCLLOV
tLCHLON
tLCHLOZ
Inputs
tLCHLIX
tLIVLCH
tLCHLCH
tLCHLCL
tLCLLCH
LCLKOUTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com