Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST40RA150XHA Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST40RA150XHA
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA150XHA Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST40RA150XHA Datasheet HTML 49Page - STMicroelectronics ST40RA150XHA Datasheet HTML 50Page - STMicroelectronics ST40RA150XHA Datasheet HTML 51Page - STMicroelectronics ST40RA150XHA Datasheet HTML 52Page - STMicroelectronics ST40RA150XHA Datasheet HTML 53Page - STMicroelectronics ST40RA150XHA Datasheet HTML 54Page - STMicroelectronics ST40RA150XHA Datasheet HTML 55Page - STMicroelectronics ST40RA150XHA Datasheet HTML 56Page - STMicroelectronics ST40RA150XHA Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
7 Electrical specifications
ST40RA
53/94
STMicroelectronics
ADCS 7260755H
7.6
DDR bus termination (SSTL_2)
The JEDEC specification for SSTL_2 and an application note from a DDR SDRAM manufacturer
(DDR SDRAM Signaling Design Notes (MIcron Technology)) recommend the following layout to
reduce signal reflections on the bus:
tLCLLCH
LMI clock low period
0.45
tLCHLCH
tLCHLAV
LCLKOUT low to address and command
valid
-1.5
1.5
ns
tLCHDQSR
LCLKOUT high to read DQS edge
-1.5
1.5
ns
a
tDQSH
DQS high
0.45
tLCHLCH
tDQSL
DQS low
0.45
tLCHLCH
tDQSRS
Read data setup for DQS edge
1 - tLCHLCH / 4
ns
a
tDQSRH
Read data hold for DQS edge
tLCHLCH / 4 + 1
ns
a
tLCHDQS
LCLKOUT high to write DQS
N * tLCHLCH / 4 -
0.75
N * tLCHLCH /
4 + 0.75
ns
tLDWS
Write data setup to DQS edge
N * tLCHLCH / 4 -
0.75
ns
tLDWH
DQS edge to Write data invalid
N * tLCHLCH / 4 +
0.75
ns
tLCHDWZ
LCLKOUT high to write data Z
2
ns
a. Constraint placed on external system
Figure 13: SSTL_2 bus termination
Symbol
Parameter
Min
Max
Units
Note
Table 27: LMI DDR-SDRAM AC timings
RS
DDR
DDR
RS
RS
RT
VTT
VTT = 1.25 V (VDD / 2)
RS = 27 Ω
RT = 27 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com