Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 69Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 70Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 71Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 72Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 73Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 74Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 75Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 76Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
ST52F510/F513/F514
73/106
Figure 12.4 PWM Mode with Reload
12.3 PWM Mode
The PWM working mode for each timer is obtained
by setting the TxMOD bit of the Configuration
Register PWMx_CR1.
The TxOUT signal in PWM Mode consists of a
signal with a fixed period, whose duty cycle can be
modified by the user.
The TxOUT period is fixed by setting the 16-bit
Prescaler bits (TxPRESC) in the PWMx_CR2 and
the 16-bit Reload value by writing the relative
Output Registers couple PWMx_RELOAD_x. The
16-bit Prescaler divides the master clock CLKM by
powers of two, determining the maximum length
period.
Reload determines the maximum value that the
counter can count before starting a new period.
The use of the two 16-bit values allows the TxOUT
period to be set with more precision when needed.
By setting the Reload value the counting resolution
decreases. In order to obtain the maximum
resolution, Reload value should be set to 0FFFFh
and the period corresponds to the one established
by the Prescaler value.
The value set in the 16-bit counter by writing the
Counter Output Registers couple, determines the
duty-cycle: when count reaches the Counter value
the TxOUT signal changes from high to low level.
The period of the PWM signal is obtained by using
the following formula:
T=PWMx-RELOAD * 2
TxPRESCTMRCLKx
where TxPRES equals the value set in the
TxPRESC bits of the PWMx_CR2 Configuration
Register and TMRCLKx is the period of the Timer
clock that drives the Prescaler.
The duty cycle of the PWM signal is obtained by
the following formula:
Note: the PWM_x_COUNT value must be lower
than or equal to the PWM_X_RELOAD
value.
When it is equal, the TxOUT signal is always at
high level. If the Output Register PWM_x_COUNT
is 0, TxOUT signal is always at a low level.
By using a 24 MHz clock a PWM frequency that is
close to 100 Khz can be obtained.
The TIMER0 clock CLKM can also be supplied
with an external signal, applied on the TCLK pin,
which must have a frequency that is at least two
times smaller than the internal master clock.
Note: he Timers have to complete the previous
counting phase before using a new value of the
Counter. If the Counter value is changed during
counting, the new values of the timer Counter are
only used at the end of the previous counting
phase. The Counter buffer is written in two steps
(one byte per time) and is latched only after the
LSB is written. In order to avoid side effects, the
user should write the MSB before writing the LSB.
By only writing the LSB, the PWM/Timer is used as
with a 8 bit counter. The same mechanism is
applied to the two bytes of Reload but, differently
of the Counter it is set immediately. Nevertheless,
it is recommended that the Reload value be written
when the Timer is stopped in order to avoid
incongruence with the Counter value. The same
recommendation is made when reading the two
bytes of the counter: It is performed in two steps,
so if the timer is running, the carry of the LSB to the
MSB can cause the wrong 16-bit value reading. A
Reload value greater than 1 must always be used.
t
t
65535
Reload
Value
Counter
Value
0
PWM
Output
Ton
T
d
cycle
T
on
T
--------
PWMxCOUNT
PWMxRELOAD
------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com