Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 86Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 87Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 88Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 89Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 90Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 91Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 92Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 93Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
ST52F510/F513/F514
90/106
Figure 14.3 Tranfer Sequencing
7-bit Slave receiver:
7-bit Slave transmitter:
7-bit Master receiver:
7-bit Master transmitter:
10-bit Slave receiver:
10-bit Slave transmitter:
10-bit Master transmitter:
10-bit Master receiver:
Legend:
S=Start, P=Stop, A=Acknowledge, NA=Non-acknowledge
EVx=Event (with interrupt if ITE=1)
EV1: EVF=1, ADSL=1, cleared by reading I2C_SR1 register.
EV2: EVF=1, BTF=1, cleared by reading I2C_SR1 register followed by reading I2C_IN register.
EV3: EVF=1, BTF=1, cleared by reading I2C_SR1 register followed by writing I2C_OUT register.
EV3-1: EVF=1, AF=1, BTF=1, SCL=0; AF is cleared by reading I2C_SR2. BTF is cleared
by releasing the lines (STOP=1,STOP=0) or by readyng I2C_SR1 and writing I2C_OUT register
(I2C_OUT=FFh).Note: If lines are released by STOP=1, STOP=0, the subsequent EV4 is not seen
EV4: EVF=1, STOPF=1, cleared by reading I2C_SR2 register.
EV5: EVF=1, SB=1, cleared by reading I2C_SR1 register followed by writing I2C_OUT register.
EV6: EVF=1, cleared by reading I2C_SR1 register followed by writing I2C_CR (for example PE=1
EV7: EVF=1, BTF=1, cleared by reading I2C_SR1 register followed by reading I2C_IIN register.
EV8: EVF=1, BTF=1, cleared by reading I2C_SR1 register followed by writing I2C_OUT register.
EV9: EVF=1, ADD10=1, cleared by reading I2C_SR1 register followed by writing I2C_OUT registe
S Address A
Data1
A
Data2
A
.....
DataN
A
P
EV1
EV2
EV2
EV2
EV4
S Address A
Data1
A
Data2
A
.....
DataN
NA
P
EV1 EV3
EV3
EV3
EV3-1
EV4
S
Address
A
Data1
A
Data2
A
.....
DataN
NA
P
EV5
EV6
EV7
EV7
EV7
S
Address
A
Data1
A
Data2
A
.....
DataN
A
P
EV5
EV6 EV8
EV8
EV8
EV8
S Header
A
Address A
Data1
A
.....
DataN
A
P
EV1
EV2
EV2
EV4
Sr Header
A
Data1
A
.....
DataN
A
P
EV1 EV3
EV3
EV3-1
EV4
S
Header
A
Address A
Data1
A
.....
DataN
A
P
EV5
EV9
EV6 EV8
EV8
EV8
Sr
Header
A
Data1
A
.....
DataN
A
P
EV5
EV6
EV7
EV7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com