Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 91Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 92Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 93Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 94Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 95Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 96Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 97Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 98Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 106 page
background image
ST52F510/F513/F514
95/106
START=1). An interrupt is generated if
ITE=1. It is cleared by software reading
I2C_SR1 register followed by writing the
address byte in I2C_OUT register. It is also
cleared by hardware when the interface is
disabled (PE=0).
0: No Start condition
1: Start condition generated
I2C Status Register 2 (I2C_SR2)
Input Register 8 (08h) Read only
Reset Value: 0000 0000 (00h)
Bit 7-5: Reserved.
Bit 4: AF
Acknowledge failure.
This bit is set by hardware when an
acknowledge is returned. An interrupt is
generated if ITE=1. It is cleared by software
reading the I2C_SR2 register or by hardware
when the interface is disabled (PE=0).
The SCL line is not held low while AF=1.
0: No acknowledge failure
1: Acknowledge failure
Bit 3: STOPF
Stop detection (Slave mode).
This bit is set by hardware when a Stop
condition is detected on the bus after an
acknowledge (if ACK=1). An interrupt is
generated if ITE=1. It is cleared by software
reading I2C_SR2 register or by hardware
when the interface is disabled (PE=0).
The SCL line is not held low while STOPF=1.
0: No Stop condition detected
1: Stop condition detected
Bit 2: ARLO
Arbitration lost.
This bit is set by hardware when the interface
loses the arbitration of the bus to another
master. An interrupt is generated if ITE=1. It
is cleared by software reading I2C_SR2
register or by hardware when the interface is
disabled (PE=0).
After an ARLO event the interface switches
back automatically to Slave mode (M/SL=0).
The SCL line is not held low while ARLO=1.
0: No arbitration lost detected
1: Arbitration lost detected
Bit 1: BERR
Bus error.
This bit is set by hardware when the interface
detects a misplaced Start or Stop condition.
An interrupt is generated if ITE=1. It is
cleared
by
software
reading
I2C_SR2
register or by hardware when the interface is
disabled (PE=0).
The SCL line is not held low while BERR=1.
0: No misplaced Start or Stop condition
1: Misplaced Start or Stop condition
Bit 0: GCAL
General Call (Slave mode).
This bit is set by hardware when a general
call address is detected on the bus while
ENGC=1. It is cleared by hardware detecting
a Stop condition (STOPF=1) or when the
interface is disabled (PE=0).
0: No general call address detected on bus
1: general call address detected on bus
14.5.3 I2C Interface Output Registers.
I2C Data Output Register (I2C_OUT)
Output Register 6 (06h) Read only
Reset Value: 0000 0000 (00h)
bit 7-0: I2CDO7-I2CDO0 Data to be transmitted.
These bits contain the byte to be transmitted in the
bus in Transmitter mode: Byte transmission start
automatically when the software writes in the
I2C_OUT register.
70
-
-
-
AF
STOPF
ARLO
BERR
GCAL
70
I2CDO7 I2CDO6 I2CDO5 I2CDO4 I2CDO3 I2CDO2 I2CDO1 I2CDO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com