Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 14Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 15Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 16Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 17Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 18Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 19Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 20Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 21Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 106 page
background image
ST52F510/F513/F514
18/106
Figure 2.2 Data Processing Unit (DPU)
The
DPU
receives,
stores
and
sends
the
instructions
deriving
from
the
Program/Data
Memory, Register File or from the peripherals. It is
controlled by the CU on the basis of the decoded
instruction. The Fuzzy registers store the partial
results of the fuzzy computation. The accumulator
register is used by the ALU and is not accessible
directly: the instructions used by the ALU can
address
all
the
Register
File
locations
as
operands, allowing a more compact code and a
faster execution.
The following addressing modes are available:
inherent, immediate, direct, indirect, bit direct.
2.1.1 Program Counter.
The Program Counter (PC) is a 16-bit register that
contains the address of the next memory location
to be processed by the core. This memory location
may be both an instruction or data address.
The Program Counter’s 16-bit length allows the
direct addressing of a maximum of 64 Kbytes in the
Program/Data Memory space.
The PC can be changed in the following ways:
s
JP (Jump)
PC = Jump Address
s
Interrupt
PC = Interrupt Vector
s
RETI
PC = Pop (stack)
s
RET
PC = Pop (stack)
s
CALL
PC = Subroutines address
s
Reset
PC = Reset Vector
s
Normal Instruction
PC = PC + 1
2.1.2 Flags.
The ST FIVE core includes different sets of flags
that correspond to 2 different modes: normal mode
and interrupt mode. Each set of flags consist of a
CARRY flag (C), ZERO flag (Z) and SIGN flag (S).
Each set is stacked: one set of flags is used during
normal operation and other sets are used during
each level of interrupt. Formally, the user has to
manage only one set of flags: C, Z and S since the
flag stack operation is performed automatically.
PROGRAM COUNTER
REGISTER
FILE
256 Bytes
REGISTER FILE
ADDRESS
ACCUMULATOR
DECISION
REGISTERS
ALU
FLAGS REG.
Memory Address
Peripherals
Control Unit
Program Memory
Input Registers
Peripherals
Interrupts Unit
PROCESSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com