Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 49Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 50Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 51Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 52Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 53Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 54Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 55Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 56Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 106 page
background image
ST52F510/F513/F514
53/106
Port B Pull-Up Register (PORT_B_PULLUP)
Configuration Register 28 (01Ch) Read/Write
Reset Value: 0000 0000 (00h)
(*) Not used in 16/20 pin package devices
(**) Not used in 16 pin package devices
Bit 7-0: PUB7-0 Port B pull-up (see Table 7.1)
0: Port B pin without pull-up
1: Port B pin with pull-up
Port B Option Register (PORT_B_OR)
Configuration Register 29 (01Dh) Read/Write
Reset Value: 0000 0000 (00h)
(*) Not used in 16/20 pin package devices
(**) Not used in 16 pin package devices
Bit 7-0: ORB7-0 Port B option (see Table 7.1)
Port B Data Direction Register (PORT_B_DDR)
Configuration Register 30 (01Eh) Read/Write
Reset Value: 0000 0000 (00h)
(*) Not used in 16/20 pin package devices
(**) Not used in 16 pin package devices
Bit 7-0: DDRB7-0 Port B direction (see Table 7.1)
0: Port B pin configured as input
1: Port B pin configured as output
Port B Alternate Fuction (PORT_B_AF)
Configuration Register 31 (01Fh) Read/Write
Reset Value: 0000 0000 (00h)
Note: This register is not used in 16 pin devices
Bit 7: AFB7 Alternate Function PB7
0: Digital I/O
1: AIN7
Bit 6: AFB6 Alternate Function PB6
0: Digital I/O
1: AIN6
Bit 5: AFB5 Alternate Function PB5
0: Digital I/O
1: AIN5
Bit 4: AFB4 Alternate Function PB4
0: Digital I/O
1: AIN4
Bit 3: AFB3 Alternate Function PB3
0: Digital I/O
1: AIN3
Bit 2: AFB2 Alternate Function PB2
0: Digital I/O
1: AIN2
Bit 1: AFB1 Alternate Function PB1
0: Digital I/O
1: AIN1
Bit 0: AFB0 Alternate Function PB0
0: Digital I/O
1: AIN0 / VREF
Port C Pull-Up Register (PORT_C_PULLUP)
Configuration Register 32 (020h) Read/Write
Reset Value: 0000 0000 (00h)
Note: This register is not used in 16/20 pin devices
Bit 7-6: Not Used
Bit 5-0: PUC5-0 Port C pull-up (see Table 7.1)
0: Port C pin without pull-up
70
PUB7*
PUB6*
PUB5**
PUB4**
PUB3**
PUB2**
PUB1
PUB0
70
ORB7*
ORB6*
ORB5**
ORB4**
ORB3** ORB2**
ORB1
ORB0
70
DDRB7* DDRB6* DDRB5** DDRB4** DDRB3** DDRB2** DDRB1
DDRB0
70
AFB7
AFB6
AFB5
AFB4
AFB3
AFB2
AFB1
AFB0
70
-
-
PUC5
PUC4
PUC3
PUC2
PUC1
PUC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com