Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 84Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 85Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 86Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 87Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 88Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 89Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 90Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 91Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 106 page
background image
ST52F510/F513/F514
88/106
Note: In 10-bit addressing mode, the comparison
includes the header sequence (11110xx0) and the
two most significant bits of the address.
Header matched (10-bit mode only): the interface
generates an acknowledgement pulse if the ACK
bit is set.
Address not matched: the interface ignores it and
waits for another Start condition.
Address matched: the interface generates in
sequence:
– Acknowledge pulse if the ACK bit is set.
– EVF and ADSL bits are set with an interrupt if the
ITE bit is set.
Afterwards, the interface waits for the I2C_SR1
register to be read, holding the SCL line low (see
Figure 14.3 Transfer sequencing EV1).
Next, in 7-bit mode read the I2C_IN register to
determine from the least significant bit (Data
Direction Bit) if the slave must enter Receiver or
Transmitter mode.
In 10-bit mode, after receiving the address
sequence the slave is always in receive mode. It
will enter transmit mode on receiving a repeated
Start condition followed by the header sequence
with matching address bits and the least significant
bit set (11110xx1).
Slave Receiver
Following reception of the address and after the
I2C_SR1 register has been read, the slave
receives bytes from the SDA line into the I2C_IN
register via the internal shift register. After each
byte, the interface generates the following in
sequence:
– Acknowledge pulse if the ACK bit is set
– EVF and BTF bits are set with an interrupt if the
ITE bit is set.
Afterwards, the interface waits for the I2C_SR1
register to be read followed by a read of the I2C_IN
register, holding the SCL line low (see Figure
14.3 Transfer sequencing EV2).
Slave Transmitter
Following the address reception and after the
I2C_SR1 register has been read, the slave sends
bytes from the I2C_OUT register to the SDA line
via the internal shift register.
The slave waits for a read of the I2C_SR1 register
followed by a write in the I2C_OUT register,
holding the SCL line low (see Figure 14.3
Transfer sequencing EV3).
When the acknowledge pulse is received:
– The EVF and BTF bits are set by hardware with
an interrupt if the ITE bit is set.
Closing slave communication
After the last data byte is transferred a Stop
Condition is generated by the master. The
interface detects this condition and sets:
– EVF and STOPF bits with an interrupt if the ITE
bit is set.
Afterwards, the interface waits for a read of the
I2C_SR2 register (see Figure 14.3 Transfer
sequencing EV4).
Error Cases
– BERR: Detection of a Stop or a Start condition
during a byte transfer. In this case, the EVF and
the BERR bits are set with an interrupt if the ITE
bit is set.
If it is a Stop then the interface discards the data,
released the lines and waits for another Start
condition.
If it is a Start then the interface discards the data
and waits for the next slave address on the bus.
– AF: Detection of a non-acknowledge bit. In this
case, the EVF and AF bits are set with an inter-
rupt if the ITE bit is set.
Note: In both cases, the SCL line is not held low;
however, SDA line can remain low due to possible
«0» bits transmitted last. At this point, both lines
must be released by software.
How to release the SDA / SCL lines
Set and subsequently clear the STOP bit while
BTF is set. The SDA/SCL lines are released after
the current byte is transferred.
14.4.2 Master Mode.
To switch from default Slave mode to Master mode
a Start condition generation is needed.
Start condition
Setting the START bit while the BUSY bit is
cleared causes the interface to switch to Master
mode (M/SL bit set) and generates a Start
condition.
Once the Start condition is sent:
– The EVF and SB bits are set by hardware with
an interrupt if the ITE bit is set.
Afterwards, the master waits for a read of the
I2C_SR1 register followed by a write in the
I2C_OUT register with the Slave address, holding
the SCL line low (see Figure 14.3 Transfer
sequencing EV5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com