Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 31Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 32Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 33Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 34Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 35Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 36Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 37Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 38Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
ST52F510/F513/F514
35/106
Figure 4.3 Reading and Erasing Procedures
4.3 Memory Verify
To verify the memory contents or just to read part
of data stored in memory, the
ByteRead and the
ReadData command can be used. The first
instruction needs the specification of the address;
the second one allows the sequential reading of
consecutive memory locations.
Since the device is “Slave” for the I2C protocol,
after receiving a command for reading, it must be
configured as Slave Transmitter to send the data.
In order to do so, the Slave Address (1010000)
must be sent again with the R/W byte set to 1, as
stated by the communication protocol.
4.3.1 Fast read procedure. The memory can be
read sequentially by using the following procedure:
1.
The Programming mode is entered with the
sequence described in Section 4.2.1
2.
The pointers address the memory location 0
3.
The
ReadData command is sent and the de-
vice acknowledges it.
4.
The Master generates a Stop condition fol-
lowed by a Start condition
5.
The Slave Address with the R/W byte set to 1
(10100001) is sent. The device receives the
Slave Address and acknowledges it.
6.
The device sends the data to be read in the
serial data line SDA. The current absolute ad-
dress is post-incremented.
7.
The Master device doesn’t send the acknowl-
edge and generates a stop condition.
8.
To read the next data, the Master generates a
Start condition followed by the Slave Address
with the R/W byte set to 0 (10100000). The
device receives the Slave Address and ac-
knowledges it.
9.
The sequence restarts from point 3 until there
is data to be read.
Remark: for the same reasons explained in
Section 4.2.4 the Option Bytes cannot be read with
this procedure: they can be read with a direct
addressing procedure as the one explained in the
next section.
Fast Reading Procedure
Random Byte Reading Procedure
Byte Erasing Procedure
Block Erasing Procedure
(*) Block address is specified by the 3 most significative bits of the whole given address (less significative bits are don’t care)
S=Start, P=Stop, A=Acknowledge, NA=Non-acknowledge
From Slave to Master
From Master to Slave
S 10100000
A
00000000
A
ReadData
A
P
S 10100001
A
Data read NA
P
.....
.....
S 10100000
A
ReadData
A
P
S 10100001
A
Data read NA
P
.....
Data read NA
P
.....
SetPage
A
Page Address
A
ByteRead
A
Byte Address
A
P
S 10100001
A
.....
.....
Data read NA
P
S 10100000
A
Command
.....
.....
SetPage
A
Page Address
A
ByteErase
A
Byte Address
A
Command
.....
.....
SetPage
A
Page Address
A
BlockErase
A
Block Address (*)
A
Command .....



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com