Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 78Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 79Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 80Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 81Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 82Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 83Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 84Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 85Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 106 page
background image
ST52F510/F513/F514
82/106
13.2 SCI Transmitter Block
The SCI Transmitter Block consists of the following
blocks:
SCDR_TX
and
SHIFT
REGISTER,
synchronized, respectively, with the clock master
signal (CKM) and the CLOCK_TX.
The whole block receives the settings for the
following
transmission
modes
through
the
Configuration Register:
s
8 bit length, 1 stop bit, no parity bit
s
8 bit length, 2 stop bit, no parity bit
s
8 bit length, 1 stop bit, with parity bit
s
9 bit length, 1 stop bit, no parity bit
In case of 9 bit frame transmission, the most
significative bit arrives through the bit PAR/T8 (bit
2) of the SCI_CR1 Configuration Register. In an 8-
bit transmission, instead, this bit is used to
configure the data format: in particular to choose
the polarity control (even or odds) to implement the
parity check (see above).
After a RESET, the SCDR_TX block is in IDLE
state until it receives an enabling signal by writing
the TXSTRT bit of the SCI_CR2 Configuration
Register.
The data is loaded on the Peripheral Register
SCI_OUT (address 23 017h) by using the
instruction
LPPR,
LDPI
or
LDPE.
If
the
transmission is enabled, the data to be transmitted
is
transferred
from
the
Output
Register
to
SCDR_TX block and the TXEM flag (bit 1) of the
SCI Status Register is reset to 0 to indicate
SCDR_TX block is full.
If the core supplies new data, this could not be
loaded in the SCDR_TX block until the current data
has not been unloaded on the Shift Register block.
Meaning that only when TXEM is 1 data can be
loaded in the SCDR_TX Block.
When the SHIFT REGISTER Block loads the data
to be transmitted on an internal buffer, the TXEND
flag (bit 0) of the SCI Status Register is reset to 0
to indicate the beginning of a new transmission. At
the end of transmission TXEND is set to 1, allowing
new data coming from SCDR_TX to be loaded in
the SHIFT REGISTER.
It is important to underline that TXEND = 1 does
not mean SCDR_TX is ready to receive a new
data. For this reason, it is better to utilize the TXEM
signal to synchronize the load instruction to the
SCI TRANSMITTER block
If the TXSTRT bit is reset, the transmission is
stopped, but the SCI Transmitter block completes
the transmission in progress before resetting.
13.3 Baud Rate Generator Block
The Baud Rate Generator Block performs the
division of the clock master signal (CKM) in a set of
synchronism
frequencies
for
the
serial
bit
reception/transmission on the external line.
Reception frequency (CLOCK_RX) is 16 times
higher
than
the
transmission
frequency
(CLOCK_TX).
To adapt the Baud Rate Generator to the clock
master frequency supplied by the user, a 12-bit
Prescaler must be programmed by loading the
Configuration Registers SCI_CR2 (PRESC_H bit
11:8 of the 12 bit prescaler) and SCI_CR3
(PRESC_L bit 7:0 of the 12 bit prescaler). The
prescaler allows the programming of all standard
Baud Rates by using the most common clock
master sources.
The Prescaler value can be obtained by the
following formula:
Where CKM is the clock master frequency
(expressed in Hz) and BAUD is the desired Baud
Rate (expressed in bit/second). The obtained
value is rounded to the nearest integer value. This
rounding can cause an error in the obtained Baud
Rate. This error must be lower than 3%. To verify
that the PRESC value satisfies this constrain, the
obtained Baud Rate must be computed by
inverting the previous formula:
then the following relation can be used to verify
that the difference with the desired Baud Rate is
lower than 3%:
Table 13.1 shows the recommended Prescaler
values for common clock master frequencies. To
get more precision in Baud Rate, standard quartz
frequencies for serial communication can be used.
The corresponding Prescaler values for these
frequencies are showed in the Table 13.2.
PRESC
round
CKM
16
BAUD
×
-----------------------------


=
BAUD
CKM
16
PRESC
×
-------------------------------
=
BAUD
BAUD
–
BAUD
-------------------------------------------
0.03
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com