Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 20Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 21Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 22Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 23Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 24Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 25Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 26Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 27Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 106 page
background image
ST52F510/F513/F514
24/106
When a return occurs (RET or RETI instruction),
the SSP is increased by 2 and the data stored in
the pointed locations couple is restored back into
the PC.
The current SSP can be read and write in the
couple of Configuration Registers 44 02Ch (MSB:
page number, always 32 020h) and 45 02Dh (LSB:
location address) (see Figure 3.3). In ST52F510/
F513/F514 the user can only consider the LSB
because the MSB is always the same.
The User Stack is used to store user data and is
located beginning from a RAM bench location set
by the user (USTP) by writing the couple of
Configuration Registers 5 005h (MSB: page
number) and 6 005h (LSB: location address) (see
Figure 3.3). Register 5, which is the page number,
must always be set to a value between 32 (020h)
and 255 (0FFh): values higher than 32 always
address RAM on page 32.
Note: In ST52F510/F513/F514 MSB doesn’t have
to be set or read because the RAM is only 256
bytes. The LSB of the user stack is equal to 0 at
reset. The LSB of the system stack is equal to 255
at reset.
This feature allows a flexible use of the User Stack
in terms of dimension and to avoid overlaps. The
User Stack Pointer (USP) points to the first
currently available stack location. When the user
stores a byte value contained in the Register File
by using the PUSH instruction, the value is stored
in the position pointed to by the USP that is
increased (the User Stack order is opposite to the
System Stack one). When the user takes a value
from the User Stack with the POP instruction, the
USP is decreased and the value pointed to is
copied in the specified Register File location.
By writing the USTP, the new address is
automatically written in the USP. The current USP
can be read from the Input
Registers 11 0Bh
(MSB: page number, always 32 020h) and 12 0Ch
(LSB: location address) (see Figure 3.3). In
ST52F510/F513/F514 the user can only consider
the LSB because the MSB is always the same.
Note: The user must pay close attention to avoid
overlapping user and Stacks data. The User Stack
Top location and the System Stack Pointer should
be configured with care in order to have enough
space between the two stacks.
3.5 Input Registers
The ST52F510/F513/F514 Input Registers bench
consists of a file of 8-bit registers containing data
or the status of the peripherals. For example, the
Input Registers contain data converted by the
ADC,
Ports, serial communication peripherals,
Timers, etc.
The Input Registers can be accessed by using the
LDRI instruction that loads the specified Register
File address with the contents of the specified
Input Register. See the Programming Manual for
further details on this instruction. The Input
Registers are read-only registers.
In order to simplify the concept, a mnemonic name
is assigned to each register. The same name is
used in Visual FIVE development tools. The list of
the Input Registers is shown in Table 3.1.
3.6 Output registers
The
ST52F510/F513/F514
Output
Registers
bench consists of a file of 8-bit registers containing
data sent to the Peripherals and the I/O Ports (for
example: Timer Counters, data to be transmitted
by the serial communication peripherals, data to be
sent to the Port pins in output, etc.).
The registers are located inside the Peripherals
and Ports, which allow flexibility and modularity in
the design of new family devices.
The Output Registers are write only. In order to
access the configuration Register the user can use
the following instructions:
s
LDPI: loads the immediate value in the specified
Output Register.
s
LDPR: loads the contents of the specified
Register File location into the output register
specified. This instruction allows computed data
to be sent to Peripherals and Ports.
s
LDPE direct: loads the contents of the specified
Program/Data Memory location into the output
register specified. This instruction allows data to
be sent to Peripherals and Ports from a table.
s
LDPE indirect: loads the contents of the
Program/Data Memory location whose address
is contained in the specified Register File
location into the output register specified. This
instruction allows data to be sent to Peripherals
and Ports from a table pointed to by a register.
See the Programming manual for further details
about these instructions.
In order to simplify the concept, a mnemonic name
is assigned to each register. The same name is
used in Visual FIVE development tools. The list of
the Output Registers is shown in Table 3.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com