Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 12Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 13Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 14Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 15Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 16Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 17Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 18Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 19Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
ST52F510/F513/F514
16/106
1.3 Pin Description
ST52F510/F513/F514 pins can be set in digital
input mode, digital output mode, interrupt mode or
in
Alternate
Functions.
Pin
configuration
is
achieved by means of the configuration registers.
The functions of the ST52F510/F513/F514 pins
are described below:
VDD. Main Power Supply Voltage.
VDDIO. I/O Ports Power Supply Voltage. It is
reccomended to connect this pin with a supply
voltage de-coupled with VDD in order to improve
the immunity from the noise generated by the I/O
switching.
VSS. Digital circuit Ground.
VSSIO. I/O Ports Ground. See VDDIO
VPP. Programming/Working mode selector. During
the Programming phase VPP must be set to VDD.
In Working phase VPP must be equal to VSS.
OSCin and OSCout. These pins are internally
connected to the on-chip oscillator circuit. A quartz
crystal or a ceramic resonator can be connected
between these two pins in order to allow correct
use of ST52F510/F513/F514 with various stability/
cost trade-offs. An external clock signal can be
applied to OSCin: in this case OSCout must be
grounded. To reduce costs, an RC circuit can be
applied to the OSCin pin to establish the internal
clock frequency, instead of the quartz. Without any
connection, the device can work with its internal
clock generator (10 MHz)
RESET. This signal is used to reset the ST52F510/
F513/F514 and re-initialize the registers and
control signals. It is also used when switching from
the Programming Mode to Working Mode and vice
versa.
PA0-PA7, PB0-PB7,PC0-PC5. These lines are
organized as I/O ports. Each pin can be configured
as an input, output (with pull-up, push-pull, weak-
pull-up, open-drain, high-impedance), or as an
interrupt source.
VREF, AIN0-AIN7. These pins are used to input
the analog signals into the A/D Converter. An
analog multiplexer is available to switch these
inputs to the A/D Converter. The pin VREF is used
to input an external A/D Reference Voltage.
T0OUT, T1OUT. These pins output the signals
generated by the PWM/Timer 0 and PWM/Timer 1
peripheral.
TRES, TSTRT, TCLK . These pins are related to
the PWM/Timer 0 peripheral and are used for Input
Capture and event counting. The TRES pin is used
to set/reset the Timer; the TSTRT pin is used to
start/stop the counter. The Timer can be driven by
the internal clock or by an external signal
connected to the TCLK pin.
INT. This pin is used as input for the Non-Maskable
(top level) interrupt. The interrupt signal is detected
only if the pin is configured in Alternate Function.
SCL, SDA. These pin are used respectively as
Serial Clock and Serial Data I/O in I2C peripheral
protocol. They are used also in Programming
Mode to receive and transmit data.
TX, RX. Serial data output of SCI Transmitter block
(TX) and Serial data input of the SCI Receiver
block (RX).
SCK, MISO, MOSI, SS. These pins are used by
the Serial Peripheral Interface (SPI) peripheral.
SCK is the serial clock line. MISO (Master In Slave
Out) and MOSI (Master Out Slave In) are the serial
data lines, which work in input or in output
depending on if the device is working in slave or
master mode. The SS pin allows the selection of
the device master/slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com