Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 22Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 23Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 24Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 25Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 26Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 27Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 28Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 29Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
ST52F510/F513/F514
26/106
Table 3.1 Input Registers
Mnemonic
Description
Address
PORT_A_IN
Port A data Input Register
0
00h
PORT_B_IN
Port B data Input Register
1
01h
PORT_C_IN
Port C data Input Register
2
02h
-
Not Used
3
03h
-
Not Used
4
04h
SPI_IN
Serial Peripheral Interface data Input Register
5
05h
I2C_IN
I2C Interface data Input Register
606h
I2C_SR1
I2C Interface Status Register 1
707h
I2C_SR2
I2C Interface Status Register 2
808h
-
Not Used
9
09h
-
Not Used
10
0Ah
USP_H
User Stack Pointer (MSB)
11
0Bh
USP_L
User Stack Pointer (LSB)
12
0Ch
-
Not Used
13-20
0Dh-
014h
PWM0_COUNT_IN_H
PWM/Timer 0 Counter Input Register (MSB)
21
015h
PWM0_COUNT_IN_L
PWM/Timer 0 Counter Input Register (LSB)
22
016h
PWM0_STATUS
PWM/Timer 0 Status Register
23
017h
PWM0_CAPTURE_H
PWM/Timer 0 Capture Register (MSB)
24
018h
PWM0_CAPTURE_L
PWM/Timer 0 Capture Register (LSB)
25
019h
PWM1_COUNT_IN_H
PWM/Timer 1 Counter Input Register (MSB)
26
01Ah
PWM1_COUNT_IN_L
PWM/Timer 1 Counter Input Register (LSB)
27
01Bh
PWM1_STATUS
PWM/Timer 1 Status Register
28
01Ch
PWM1_CAPTURE_H
PWM/Timer 1 Capture Register (MSB)
29
01Dh
PWM1_CAPTURE_L
PWM/Timer 1 Capture Register (LSB)
30
01Eh
-
Not Used
31-35
01Fh-
023h
SCI_IN
Serial Communication Interface RX data Input Register
36
024h
SCI_STATUS
Serial Communication Interface Status Register
37
025h
FLAGS
Flag Register
38
026h
AD_OVF
10-bit A/D Converter Overflow Register
39
027h
IAP_SR
In Application Programming Status Register
40
028h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com