Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 26Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 27Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 28Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 29Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 30Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 31Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 32Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 33Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 106 page
background image
ST52F510/F513/F514
30/106
PORT_A_DDR
Port A Data Direction Register
26
01Ah
PORT_A_AF
Port A Alternate Function selection Register
27
01Bh
PORT_B_PULLUP
Port B Pull Up enable/disable Register
28
01Ch
PORT_B_OR
Port B Option Register
29
01Dh
PORT_B_DDR
Port B Data Direction Register
30
01Eh
PORT_B_AF
Port B Alternate Function selection Register
31
01Fh
PORT_C_PULLUP
Port C Pull Up enable/disable Register
32
020h
PORT_C_OR
Port C Option Register
33
021h
PORT_C_DDR
Port C Data Direction Register
34
022h
PORT_C_AF
Port C Alternate Function selection Register
35
023h
-
Not Used
36-42
024h-
02Ah
SCI_CR3
Serial Communication Interface Control Register 3
43
02Bh
SSP_H
System Stack Pointer (MSB)
44
02Ch
SSP_L
System Stack Pointer (LSB)
45
02Dh
CPU_CLK
CPU Clock Prescaler
46
02Eh
AD_CR2
10-bit A/D Converter Control Register 2
47
02Fh
Table 3.4 Configuration Registers
Mnemonic
Description
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com