Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 74Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 75Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 76Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 77Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 78Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 79Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 80Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 81Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
ST52F510/F513/F514
78/106
PWM/Timer 1 Control Register 2 (PWM1_CR2)
Configuration Register 13 (0Dh) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-6: Not Used
Bit 5: T1WAV T1OUT Waveform
0: pulse (type2)
1: square (type1)
Bit 4-0: T1PRESC PWM/Timer 1 Prescaler
The PWM/Timer 1 clock is divided by a
factor equal to 2T1PRESC. The maximum
value allowed for T1PRESC is 10000
(010h).
12.6.2 PWM/Timer 1 Input Registers.
PWM/Timer 1 Counter High Input Register
(PWM1_COUNT_IN_H)
Input Register 26 (01Ah) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: T1CI15-8 PWM/Timer 1 Counter MSB
In this register the current value of the Timer 1
Counter MSB can be read.
PWM/Timer 1 Counter Low Input Register
(PWM1_COUNT_IN_L)
Input Register 27 (01Bh) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: T1CI7-0 PWM/Timer 1 Counter LSB
In this register the current value of the Timer 1
Counter LSB can be read.
PWM/Timer 1 Status Register (PWM1_STATUS)
Input Register 28 (01Ch) Read only
Reset Value: 0000 0000 (00h)
Bit 7-4: Not Used
Bit 3: T1OVFL PWM/Timer 1 counter overflow flag
0: no overflow occurred since last reset
1: overflow occurred
Bit 2: T1OUT T1OUT pin value
0: T1OUT pin is at logical level 0
1: T1OUT pin is at logical level 1
Bit 2: T1RST Reset Status
0: PWM/Timer 1 is reset
1: PWM/Timer 1 is set
Bit 2: T1SST Start Status
0: PWM/Timer 1 is stopped
1: PWM/Timer 1 is running
PWM/Timer 1 Capture High Input Register
(PWM1_CAPTURE_H)
Input Register 29 (01Dh) Read only
Reset Value: 0000 0000 (00h)
Bit 7-0: T1CP15-8 PWM/Timer 1 Capture MSB
In this register the counter value after the last stop
can be read.
75
0
-
-
T1WAV
T1PRESC
70
T1CI15
T1CI14
T1CI13
T1CI12
T1CI11
T1CI10
T1CI9
T1CI8
70
T1CI7
T1CI6
T1CI5
T1CI4
T1CI3
T1CI2
T1CI1
T1CI0
70
-
-
-
-
T1OVFL T1OUT
T1RST
T1SST
70
T1CP15 T1CP14 T1CP13 T1CP12 T1CP11 T1CP10
T1CP9
T1CP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com