Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52F514FMM6 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST52F514FMM6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52F514FMM6 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST52F514FMM6 Datasheet HTML 89Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 90Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 91Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 92Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 93Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 94Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 95Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 96Page - STMicroelectronics ST52F514FMM6 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 106 page
background image
ST52F510/F513/F514
93/106
1: Standard I2C Mode (recommended up to
100 kHz)
0: Fast I2C Mode (recommended up to 400
kHz)
Bit 6-0: CC6-CC0 7-bit clock divider
These bits select the speed of the bus (FSCL)
depending on the I2C mode. They are not
cleared when the interface is disabled
(PE=0). The speed can be computed as
follows:
– Standard mode (FM/SM=1): FSCL <= 100kHz
FSCL = fCPU/(3x[CC6..CC0]+11)
– Fast mode (FM/SM=0): FSCL > 100kHz
FSCL = fCPU/(2x[CC6..CC0]+9)
Warning: For safety reason, CC6-CC0 bits must
be configured with a value >= 3 for the Standard
mode and >=2 for the Fast mode.
I2C Own Address Register 1 (I2C_OAR1)
Configuration Register 18 (012h) Read/Write
Reset Value: 0000 0000 (00h)
7-bit Addressing Mode
bit 7-1: ADD7-ADD1 Interface address.
These bits define the I2C bus address of the
interface. They are not cleared when the
interface is disabled (PE=0).
Bit 0: ADD0
Address direction bit.
This
bit
is
“don’t
care”,
the
interface
acknowledges either 0 or 1. It is not cleared
when the interface is disabled (PE=0).
Note: Address 01h is always ignored.
10-bit Addressing Mode
bit 7-0: ADD7-ADD0 Interface address.
These are the least significant bits of the I2C
bus address of the interface. They are not
cleared when the interface is disabled
(PE=0).
I2C Own Address Register 2 (I2C_OAR2)
Configuration Register 19 (013h) Read/Write
Reset Value: 0000 0000 (00h)
Bit 7-3: Not Used
bit 7-1: ADD8-ADD8 Interface address.
These are the most significant bits of th I2C
bus address of the interface (10-bit mode
only). They are not cleared when the
interface is disabled (PE=0).
Bit 0: Reserved
14.5.2 I2C Interface Input Registers.
I2C Data Input Register (I2C_IN)
Input Register 6 (06h) Read only
Reset Value: 0000 0000 (00h)
bit 7-0: I2CDI7-I2CDI0 Received data.
These bits contain the byte to be received from the
bus in Receiver mode: the first data byte is
received automatically in the I2C_IN register using
the least significant bit of the address.
Then, the next data bytes are received one by one
after reading the I2C_IN register.
I2C Status Register 1 (I2C_SR1)
Input Register 7 (07h) Read only
Reset Value: 0000 0000 (00h)
70
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
72
0
-
---
-
ADD9
ADD8
-
70
I2CDI7
I2CDI6
I2CDI5
I2CDI4
I2CDI3
I2CDI2
I2CDI1
I2CDI0
70
EVF
ADD10
TRA
BUSY
BTF
ADSL
M/SL
SB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com