Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 3Page - STMicroelectronics ST70137 Datasheet HTML 4Page - STMicroelectronics ST70137 Datasheet HTML 5Page - STMicroelectronics ST70137 Datasheet HTML 6Page - STMicroelectronics ST70137 Datasheet HTML 7Page - STMicroelectronics ST70137 Datasheet HTML 8Page - STMicroelectronics ST70137 Datasheet HTML 9Page - STMicroelectronics ST70137 Datasheet HTML 10Page - STMicroelectronics ST70137 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ST70137
7/22
74
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD Protection
75
PCI_AD[13]
I/O
8mA
76
PCI_AD[12]
I/O
8mA
77
VSS
P
Ground
78
PCI_AD[11]
I/O
8mA
79
PCI_AD[10]
I/O
8mA
80
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD Protection
81
PCI_AD[9]
I/O
8mA
82
PCI_AD[8]
I/O
8mA
83
VSS
P
Ground
84
PCI_CBE_N[0]
I/O
8mA
85
PCI_AD[7]
I/O
8mA
86
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads
87
PCI_AD[6]
I/O
8mA
88
PCI_AD[5]
I/O
8mA
89
VSS
P
Ground
90
PCI_AD[4]
I/O
8mA
91
PCI_AD[3]
I/O
8mA
92
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD Protection
93
PCI_AD[2]
I/O
8mA
94
PCI_AD[1]
I/O
8mA
95
PCI_AD[0]
I/O
8mA
96
VR50
P
3.3V Power supply for DC regulator
97
VDD1.8
P
Power
98
VAUX_D/USB_SP
I
99
CFG_MEM_SEL
I
100
USB_PCIN_sel
I
101
AFESEL
I
102
VSS
P
Ground
103
LPDWDN
O
4mA
104
SUSPEND
O
4mA
105
SUSPENDN
O
4mA
106
PWDN
O
4mA
107
ACTD
I
108
VDD3.3
P
Power supply pins 3.3V for I/O pads (not PCI)
109
TEST
I/O
Test Reserved - Must be fixed to ground
110
TEST
I/O
Test Reserved - Must be fixed to ground
111
TEST
I/O
Test Reserved - Must be fixed to ground
112
AFERST
O
4mA
PIN
NAME
TYPE
DRIVE
DESCRIPTION
PIN LIST (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com