Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 9Page - STMicroelectronics ST70137 Datasheet HTML 10Page - STMicroelectronics ST70137 Datasheet HTML 11Page - STMicroelectronics ST70137 Datasheet HTML 12Page - STMicroelectronics ST70137 Datasheet HTML 13Page - STMicroelectronics ST70137 Datasheet HTML 14Page - STMicroelectronics ST70137 Datasheet HTML 15Page - STMicroelectronics ST70137 Datasheet HTML 16Page - STMicroelectronics ST70137 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ST70137
13/22
TEST CONDITION
All Ouputs have been loaded with.
* See text scheme at page 20.
CFG_MEM INTERFACE
CFG_SCE
O
L
H
Chip Enable
This pin is designed to directly interface to a serial
EEPROM that use the 93C66 EEPROM interface proto-
col. This pin has to be connected directly to the
EEPROM’s chip select pin.
CFG_SCK/GPO[ 6]
O
L
-
Serial Clock or General Purpose Output Pin 6 depending
on the internal selection. The selection is performed writ-
ing the proper bit inside the PCFW or UCFW register. At
the power-on or hardware reset the CFG_CLK functional-
ity is selected. This pin is designed to directly interface to
a serial EEPROM that use the 93C66 EEPROM interface
protocol.
CFG_SDI
I
I
H
Serial Data Input
Data going into this pin has to be generated on the rising
edge of CFG_SCK. This pin is designed to directly inter-
face to a serial EEPROM that use the 93C66 EEPROM
interface protocol.
CFG_SDO/GPO[ 7]
O
L
-
Serial Data/Address Outp ut
General Purpose Output Pin 7 depending on the internal
selection. The selection is performed writing the proper bit
inside the PCFW or UCFW register. At the power-up or
hardware reset the CFG_SDO functionality is selected.
The CFG_SDO data change is synchronous with the fall-
ing edge of CFG_SCK. This pin is designed to directly
interface to a serial EEPROM that use the 93C66
EEPROM interface protocol.
JTAG INTERFACE
TDI
I
IH
-
JTAG Test Data Input.
TDO
O
-
-
JTAG Test Data Output.
TMS
I
IH
L
JTAG Test Mode Select.
TCK
I
IL
-
JTAG Test Clock.
TRSTB
I
IL
L
JTAG Reset (active Low).
Outputs
Minimum
Maximum
Unit
PCI
0
50
pF
USB *
0
50
pF
Others
0
15
pF
Signal Name
Direction
Init Status
Polarity
Signal Description
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com