Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 14Page - STMicroelectronics ST70137 Datasheet HTML 15Page - STMicroelectronics ST70137 Datasheet HTML 16Page - STMicroelectronics ST70137 Datasheet HTML 17Page - STMicroelectronics ST70137 Datasheet HTML 18Page - STMicroelectronics ST70137 Datasheet HTML 19Page - STMicroelectronics ST70137 Datasheet HTML 20Page - STMicroelectronics ST70137 Datasheet HTML 21Page - STMicroelectronics ST70137 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
ST70137
19/22
USB Interface AC Specifications (1.1 version)
AC Characteristics (D+, D-)
USB Test Scheme
Symbol
Parameter
Test Conditio n
Minimum
Typical
Maximum
Units
tDR
Average bit rate (12 M/s
±0.05%)
11.97
12.03
Mbps
tR
Rise Time between 10% and 90% (see
Figure Rise and Fall Time Measures)
420
ns
tF
Fall Time 10% and 90% (see Figure Rise
and Fall Time Measures)
420
ns
VCRS
Output Signal Crossover Voltage
1.3
2
V
CLK
Th
Input
Output
Tri-state Output
Tsu
Tval
Ton
Toff
1
2
Test
50pF
50pF
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com