Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 6Page - STMicroelectronics ST70137 Datasheet HTML 7Page - STMicroelectronics ST70137 Datasheet HTML 8Page - STMicroelectronics ST70137 Datasheet HTML 9Page - STMicroelectronics ST70137 Datasheet HTML 10Page - STMicroelectronics ST70137 Datasheet HTML 11Page - STMicroelectronics ST70137 Datasheet HTML 12Page - STMicroelectronics ST70137 Datasheet HTML 13Page - STMicroelectronics ST70137 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ST70137
10/22
PCI_CBE_N[3:0]
I/O
I
L
PCI Multiplexed Bus Command Mode
Bus command and byte enables are multiplexed on the
same pins. These pins define the current bus command
during an address phase. During a data phase, these pins
are used as Byte Enables, with PCI_CBE_N[0] (LSB)
enabling byte 0 and PCI_CBE_N[3] enabling byte 3
(MSB).
C/BE[3:0]=Command Type
0000 = Interrupt Acknowledge
0001 = Special Cycle
0010 = I/O Read
0011 = I/O Write
0100 = Reserved
0101 = Reserved
0110 = Memory Read
0111 = Memory Write
1000 = Reserved
1001 = Reserved
1010 = Configuration Read
1011 = Configuration Write
1100 = Memory Read Multiple
1101 = Memory Write Multiple
1110 = Memory Read line
1111 = Memory Write and Invalidate
PCI_PAR
I/O
I
H
PCI Parity (even)
Parity is always driven as even from all PCI_AD[31:0] and
PCI_CBE[3:0] signals. The parity is valid during the clock
following the address phase and is driven by the bus mas-
ter. During a data phase for write transactions, the bus
master sources
this signal on
the clock following
PCI_IRDYN active; during data phase for read transac-
tions, this signal is driven by the target and is valid on the
clock following PCI_TRDYN active. The PCI_PAR signal
has the same timing as PCI_AD[], delayed by one clock.
PCI_FRAMEN
I/O
I
L
PCI Cycle Frame
This signal is driven by current bus master to indicate the
beginning and duration of a bus transaction. When
PCI_FRAMEN is first asserted, it indicates a bus transac-
tion is beginning with a valid addresses and bus com-
mand present on PCI_AD[31:0] and PCI_CBE[3:0]. Data
transfer
continue
until
PCI_FRAMEN
is
asserted.
PCI_FRAMEN de-assertion indicates the transaction is in
final data phase or has completed.
PCI_DEVSELN
I/O
I
L
PCI Device Select
This signal is driven by a target decoding and recognizing
its bus address. This signal informs a bus master whether
an agent has decoded a current bus cycle.
PCI_IRDYN
I/O
I
L
PCI Initiator Ready
This signal is always driven by the bus master to indicate
its ability to complete the current data phase. During write
transactions it indicates PCI_AD[] contains valid data.
PCI_IDSEL
I
I
H
PCI Initializatio n Device Select
This pin is used as chip select during configuration read
or write transactions.
Signal Name
Direction
Init Status
Polarity
Signal Description
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com