Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 14Page - STMicroelectronics ST70137 Datasheet HTML 15Page - STMicroelectronics ST70137 Datasheet HTML 16Page - STMicroelectronics ST70137 Datasheet HTML 17Page - STMicroelectronics ST70137 Datasheet HTML 18Page - STMicroelectronics ST70137 Datasheet HTML 19Page - STMicroelectronics ST70137 Datasheet HTML 20Page - STMicroelectronics ST70137 Datasheet HTML 21Page - STMicroelectronics ST70137 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ST70137
18/22
PCI Clock Waveform 5V
PCI Clock Waveform 3.3V
PCI Timings
* PCI REQN and GNTN are point-to-point signals and have different output valid delay and input setupt times than do bused signals. REQN
has set up of 12ns and GNTN of 10ns. All other signals are bused.
** Guaranted by design.
Symbol
Parameter
Minimum
Typical
Maximum
Units
Tval
Clock to Signal Valid Delay (bused signals)
2
11
ns
Tval(ptp)
Clock to Signal Valid Delay (point to point)
2
12
ns
Ton
Float to Active Delay
2
ns
Toff
Active to Float Delay
28
ns
Tsu
Input Set up Time to Clock (bused signals)
7
ns
Tsu(ptp)
Input Set up Time to Clock (point to point) *
10, 12 *
ns
Th
Input Hold Time from Clock
0
ns
Trst
Reset Active Time after Power Stable
1
ms
Trst-clk
Reset Active Time after CLK Stable **
100
µs
Trst-off
Reset Active to Output Float Delay **
40
ns
2.0V
1.5V
0.8V
2.4V
0.4V
Tc
Th
TI
0.5VDD
0.4VDD
0.3VDD
0.6VDD
0.2VDD
Tc
Th
TI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com