Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 14Page - STMicroelectronics ST70137 Datasheet HTML 15Page - STMicroelectronics ST70137 Datasheet HTML 16Page - STMicroelectronics ST70137 Datasheet HTML 17Page - STMicroelectronics ST70137 Datasheet HTML 18Page - STMicroelectronics ST70137 Datasheet HTML 19Page - STMicroelectronics ST70137 Datasheet HTML 20Page - STMicroelectronics ST70137 Datasheet HTML 21Page - STMicroelectronics ST70137 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ST70137
20/22
Rise and Fall Time Measures
Input / Output TTL Generic Characteristics
The value presented in the following table apply for all TTL inputs and/or outputs unless otherwise
specified.
* Guaranted by design.
Note:
The reference current is dependent on the exact buffer chosen and is a part of the buffer name.
The available values are 2, 4 and 8mA.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Units
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
VILHY
Low Level Threshold, falling *
Slow edge < 1V/
µs
0.9
1.35
V
VIHHY
Low Level Threshold, rising *
Slow edge < 1V/
µs
1.3
1.9
V
VHY
Schmitt Trigger Hysteresis *
Slow edge < 1V
µs
0.4
0.7
V
VOL
Low Level Output Voltage
IOUT = XmA (see Note)
0.4
V
VOH
High Level Output Voltage
IOUT = XmA (see Note)
2.4
V
TF
TR
90%
10%
10%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com