Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 10Page - STMicroelectronics ST70137 Datasheet HTML 11Page - STMicroelectronics ST70137 Datasheet HTML 12Page - STMicroelectronics ST70137 Datasheet HTML 13Page - STMicroelectronics ST70137 Datasheet HTML 14Page - STMicroelectronics ST70137 Datasheet HTML 15Page - STMicroelectronics ST70137 Datasheet HTML 16Page - STMicroelectronics ST70137 Datasheet HTML 17Page - STMicroelectronics ST70137 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ST70137
14/22
TIMING SPECIFICATION
AFE IF Transmit & Receive Signals
MCLK Master Clock
Symbol
Parameter
Minimum
Typical
Maximum
Unit
F
Clock frequency
35.328
MHz
T
Clock Period
28.3
ns
Th
Clock Duty cycle
40
60
%
AFE IF Transmit & Receive signals
Ts1
Data Setup Time
5
ns
Th1
Data Hold Time
7
ns
Tv1
Data Valid Time
13
ns
Ts2
Data Setup Time
5
ns
Th2
Data Hold Time
6
ns
Tv2
Data Valid Time
18
ns
Ts3
Data Setup Time
20
ns
Th3
Data Hold Time
1
ns
Tv3
Data Valid Time
18
ns
MCLK
Ts1
Th1
Tv1
Th2
Ts2
Tv2
Ts3
Th3
AFERXD
AFETXD
CLWD
CTRLDOUT
CTRLDIN
AFEWR
Tv3
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com