Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 1 Page - STMicroelectronics

  ST70137 Datasheet HTML 1Page - STMicroelectronics ST70137 Datasheet HTML 2Page - STMicroelectronics ST70137 Datasheet HTML 3Page - STMicroelectronics ST70137 Datasheet HTML 4Page - STMicroelectronics ST70137 Datasheet HTML 5Page - STMicroelectronics ST70137 Datasheet HTML 6Page - STMicroelectronics ST70137 Datasheet HTML 7Page - STMicroelectronics ST70137 Datasheet HTML 8Page - STMicroelectronics ST70137 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
September 2001
ST70137 HARDWARE FEATURES
s SUPPORT DIGITAL SIGNAL PROCESSING
REQUIREMENTS FOR ONE ADSL CPE
CHANEL (ITU-R)
s COMPLIANT WITH ITU 992.1 (ADSL FULL
RATE) ANNEXE A (ADSL OVER POTS)
AND ANNEXE B (ADSL OVER ISDN) AND
ITU 922.2 (G.LITE) AND ANSI T1.413.
s DIRECT INTERFACE TO PCI BUS (PCI
RELEASE
2.2 AND COMPLIANT WITH
MICROSOFT PC99 & PC2001 SPECIFICA-
TION)
s DIRECT
INTERFACE
TO
USB
(USB
RELEASE 1.1 SPECIFICATION)
s DIRECT INTERFACE TO THE EXTERNAL
SERIAL MEMORY TO SUPPORT PCI/USB
USER’S CONFIGURATION
s DIRECT ANALOG FRONT END INTERFACE
FOR ST70136 OR ST70134
s 4 TO 8 GPIO DEPENDING ON SELECTED
AFE AND EXTERNAL MEMORY CONFIGU-
RATION USED
s CLOCK & RESET INTERFACE
s 1.8V AND 3.3V POWER SUPPLY
s TTL
LOGIC
LEVELS
COMPATIBLE
(DEPENDING ON PADS)
s POWER MANAGEMENT
s LOW POWER CONSUMPTION : 0.4W
s TQFP 144
ST70137 SOFTWARE FEATURES
s RFC 2364 PPP OVER ATM
s UNI 3.0, 3.1, 4.0 SIGNALING
s UBR, CBR
s AAL0, AAL5
s NDIS5.0 PCI DRIVER AND USB DRIVER
DESCRIPTION
ST70137
is
STMicroelectronics
UNICORNTM
chipset ADSL DMT transceiver for controllerless
ADSL CPE modem.
UNICORNTM allows to develop easily and quickly
low cost ADSL CPE modem for PC environment.
UNICORNTM is made of two devices, ST70137
and ST70136 or ST70134 (CPE ADSL Analog
Front End). ST70137 provides PCI and USB
interface. PCI is used to build ADSL CPE modem
bundled in the PC, USB interface is used to build
external bus powered ADSL modem.
ST70137 is compliant with ITU 992.1 Annexe A
and B, with ITU 992.2 and with ANSI T1.413.
UNICORNTM chipset is delivered with a complete
PC software suite for Microsoft
Windows 98,
Windows 2000 and Windows NT. NDIS5.0 PCI
driver and USB driver with ADSL modem control
and ATM device driver are provided assuring full
ATM support. Configuration and diagnostic tools
are also provided.
UNICORNTM chipset and PC software ensure
interoperability with the most deployed DSLAM.
TQFP144
ORDER CODE: ST70137TQFP
ST70137
UNICORNTM PCI & USB
CONTROLLERLESS ADSL DMT TRANSCEIVER


Similar Part No. - ST70137

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134 Datasheet
57Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
ST70134 STMICROELECTRONICS-ST70134 Datasheet
130Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
ST70134 STMICROELECTRONICS-ST70134 Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
ST70134-ST70135A STMICROELECTRONICS-ST70134-ST70135A Datasheet
57Kb / 8P
ASCOT ADSL MODEM CHIP SET FOR CPE
Apr-2000
ST70134A STMICROELECTRONICS-ST70134A Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
More results

Similar Description - ST70137

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST70135A STMICROELECTRONICS-ST70135A Datasheet
198Kb / 29P
ASCOTTM DMT TRANSCEIVER
Apr-2000
ST70235A STMICROELECTRONICS-ST70235A Datasheet
257Kb / 28P
ASCOTTM DMT TRANSCEIVER
Oct-2001
STLC60135 STMICROELECTRONICS-STLC60135 Datasheet
189Kb / 25P
TOSCA ADSL DMT TRANSCEIVER
Sep-1999
logo
Samsung semiconductor
S5N8952X SAMSUNG-S5N8952X Datasheet
212Kb / 18P
ADSL Transceiver for NIC
logo
Infineon Technologies A...
PEB55508 INFINEON-PEB55508 Datasheet
552Kb / 2P
GEMINAX ADSL Transceiver Chipset
2001
logo
STMicroelectronics
ST20138 STMICROELECTRONICS-ST20138 Datasheet
121Kb / 6P
PCI/USB ADSL CHIPSET
Sep-2004
STLC1510 STMICROELECTRONICS-STLC1510 Datasheet
426Kb / 40P
NorthenLite G.lite DMT Transceiver
Nov-2000
MTC20136 STMICROELECTRONICS-MTC20136 Datasheet
634Kb / 25P
ADSL TRANSCEIVER CONTROLLER
Feb-2004
MTC20455 STMICROELECTRONICS-MTC20455 Datasheet
662Kb / 23P
QUAD ADSL DMT TRANSCEIVER
Feb-2004
logo
Bel Fuse Inc.
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
ADSL Magnetics GlobeSpan ADSL DMT CPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com