Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 5Page - STMicroelectronics ST70137 Datasheet HTML 6Page - STMicroelectronics ST70137 Datasheet HTML 7Page - STMicroelectronics ST70137 Datasheet HTML 8Page - STMicroelectronics ST70137 Datasheet HTML 9Page - STMicroelectronics ST70137 Datasheet HTML 10Page - STMicroelectronics ST70137 Datasheet HTML 11Page - STMicroelectronics ST70137 Datasheet HTML 12Page - STMicroelectronics ST70137 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ST70137
9/22
PIN DESCRIPTION
Signal Name
Direction
Init Status
Polarity
Signal Description
PCI INTERFACE
PCI_CLK
I
-
-
PCI Clock. (33 MHz)
The rising edge of this signal is the reference upon which
all the other PCI signals are based except for PCI_RSTN
and PCI_INTAN. The maximum PCI_CLK frequency for
ST70137 is 33MHz and the minimum is DC.
PCI_RSTN
I
I
L
PCI Reset
Reset bring ST70137 in a known state:
- All PCI bus output signal tri-stated
- All open drain signals floated
- All registers set to their factory defaults
- All FIFOs emptied
- GPIO signals tri-stated
- Sachem Macrocell initialized
- Clock of Adsl_Up stopped
- AFE set in Power down mode
PCI_REQN
O
H
L
PCI Request
This signal is sourced by an agent wishing to become a
bus master. It is a point to point signal and each master
has its own PCI_REQN.
PCI_GNTN
I
I
L
PCI Grant
The PCI_GNTN signal is a dedicated, point-to-point signal
provided to each potential bus master and signifies that
access to the bus has been granted.
PCI_AD[31:0]
I/O
I
-
PCI Multiplexed Address/Data Bus
Address and data are multiplexed on the same PCI bus
pins. A PCI bus transaction consists of an address phase
followed by the one or more data phase. An address
phase occurs on the PCLK cycle in which PCI_FRAMEN
is asserted. A data phase occurs on PCLK cycles in which
PCI_IRDYN and PCI_TRDYN are both asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com