Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 13Page - STMicroelectronics ST70137 Datasheet HTML 14Page - STMicroelectronics ST70137 Datasheet HTML 15Page - STMicroelectronics ST70137 Datasheet HTML 16Page - STMicroelectronics ST70137 Datasheet HTML 17Page - STMicroelectronics ST70137 Datasheet HTML 18Page - STMicroelectronics ST70137 Datasheet HTML 19Page - STMicroelectronics ST70137 Datasheet HTML 20Page - STMicroelectronics ST70137 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ST70137
17/22
Other Signals DC Characteristics
The values presented in the following table apply for all inputs and/or outputs unless otherwise specified.
All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device.
Suspend Mode Current Consumption
AC Specifications
PCI Signaling AC Specifications
* Guaranted by design.
Timing Specifications
PCI Clock Specifications
* Guaranted by design.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Units
IIN
Input Leakage Current
Vin = VSS,VDD no pull up/pull down
-4
+4
µA
IOZ
Tristate Leakage Current
Vin = VSS,VDD no pull up/pull down
-4
+4
µA
IPU
Pull Up Current
V
in =VSS
-15
-40
-125
µA
IPD
Pull Down Current
V
in =VDD
+15
+30
+125
µA
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Units
I518
Suspend Mode Current
Consumption on 1.8V
Temperature = 25
°C
350
µA
I533
Suspend Mode Current
Consumption on 3.3V
Temperature = 25
°C
150
µA
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Units
Ioh
Switching Current High
0 < Vout
≤ 0.3V
DD
-12VDD
mA
Vout = 0.7VDD
-32VDD
mA
Iol
Switching Current Low
VDD > Vout ≥ 0.6VDD
16VDD
mA
Vout = 0.18VDD
38VDD
mA
Icl
Low Clamp Current *
-3 < Vin
≤ -1V
-25 + (Vin + 1)
/ 0.015
mA
Ich
High Clamp Current *
VDD + 4 > Vin ≥ VDD + 1 25 + (Vin - VDD -1)
/ 0.015
mA
Tr
Unloaded Output Rise Time * 0.2VDD to 0.6VDD
1
4
V/ns
Tf
Unloaded Output Fall Time *
0.6VDD to 0.2VDD
1
4
V/ns
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Units
Tc
Clock Cycle Time
30
50
ns
Th
Clock High Time
11
ns
TI
Clock Low Time
11
ns
Clock Slew Rate *
1
4
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com