Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 12Page - STMicroelectronics ST70137 Datasheet HTML 13Page - STMicroelectronics ST70137 Datasheet HTML 14Page - STMicroelectronics ST70137 Datasheet HTML 15Page - STMicroelectronics ST70137 Datasheet HTML 16Page - STMicroelectronics ST70137 Datasheet HTML 17Page - STMicroelectronics ST70137 Datasheet HTML 18Page - STMicroelectronics ST70137 Datasheet HTML 19Page - STMicroelectronics ST70137 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ST70137
16/22
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
PCI Interface DC Specifications
* Guaranted by design.
USB Interface DC Specifications
Nominal DC Characteristics (DPLUS, DMINUS)
* Guaranted by design.
Parameter
Description
Minimum
Typical
Maximum
Units
VDD 3.3
Supply Voltage
3.0
3.3
3.6
V
VDD 1.8
Supply Voltage
1.62
1.8
1.98
V
Ptot
Total Power Dissipation
450
mW
Tamb
Ambient Temperature 1.5ml airflow
0
70
°C
Tstg
Storage Temperature
-65
+150
°C
VESD
ESD Protection (HBM)
2000
V
Parameter
Description
Condition
Minimum
Typical
Maximum
Units
Vilp
Input LOW Voltage
-0.5
0.3VDD
V
Vihp
Input HIGH Voltage
0.5VDD
VDD+0.5
V
lip
Input Leakage Current
0<Vin<VDD
-10
10
µA
Volp
Output LOW Voltage
Iout = 1.5mA
0.1VDD
V
Vohp
Output HIGHT Voltage
Iout = 0.5mA
0.9VDD
V
Cinp
Input Pin Capacitance *
10
pF
Cclkp
CLK Pin Capacitance *
5
12
pF
Cidsel
IDSEL Pin Capacitance *
8
pF
Lpinp
Pin Inductance *
N/A
20
nH
Parameter
Description
Minimum
Typical
Maximum
Units
VDI
Differential Input Sensitivity [(D+) - (D-)]
0.2
V
VCM
Differential Common Mode Range
0.8
2.5
V
VSE
Single Ended Receiver Threshold
0.8
2
V
VOH
VOL
High Level Output Static Voltage (RL of 15K
Ω to GND
Low Level Output Static Voltage (RL of 1.5K
Ω to 3.6V)
2.8
3.6
0.3
V
V
ILO
Hi-Z State Data Line Leakage Current (0V < Vin < 3.3V)
30
µA
CIN
Transceiver Capacitance (Pin to GND) *
10
pF
RD
Driver Output Resistance (steady state drive)
28
44
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com