Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 4Page - STMicroelectronics ST70137 Datasheet HTML 5Page - STMicroelectronics ST70137 Datasheet HTML 6Page - STMicroelectronics ST70137 Datasheet HTML 7Page - STMicroelectronics ST70137 Datasheet HTML 8Page - STMicroelectronics ST70137 Datasheet HTML 9Page - STMicroelectronics ST70137 Datasheet HTML 10Page - STMicroelectronics ST70137 Datasheet HTML 11Page - STMicroelectronics ST70137 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ST70137
8/22
113
VSS
P
Ground
114
AFETXD[0]
O
8mA
115
AFETXD[1]
O
8mA
116
AFETXD[2]
O
8mA
117
AFETXD[3]
O
8mA
118
VSS
P
Ground
119
AFERXD[0]
I
120
AFERXD[1]
I
121
AFERXD[2]
I
122
AFERXD[3]
I
123
VDD1.8
P
Power supply pins 1.8V for Core
124
COMP_CELL
O
Compensation cell resistor 1
125
VSS
P
Ground
126
MCLK
I
127
VDD3.3
P
Power supply pins 3.3V for I/O pads (not PCI)
128
CLWD
I
129
AFEWR/GPIO[5]
I/O
4mA
130
CTRLDOUT
O
4mA
131
CTRLDIN/GPIO[4]
I/O
4mA
132
VSS
P
Ground
133
TEST
I/O
Test Reserved - Must be fixed to ground
134
VDD1.8
P
Power supply pins 1.8V for Core
135
TDI
I
136
TDO
O
4mA
137
TMS
I
138
TCK
I
139
TRSTB
I
140
VSS
P
Ground
141
VDD_APLL
P
PLL Analog power supply 1.8V
142
VSS_APLL
P
PLL Analog Ground
143
VDD_DPLL
P
PLL digital power supply 1.8V
144
VSS_DPLL
P
PLL digital Ground
PIN
NAME
TYPE
DRIVE
DESCRIPTION
PIN LIST (continued)
Note 1.
Note:
PCI section from pin 16 to pin 96 (included): all the power supply pins (at 3.3V) included in this
section are intented for PCI I/O pads.
COMP_CELL
100K
Ω ± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com