Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST70137 Datasheet HTML 2Page - STMicroelectronics ST70137 Datasheet HTML 3Page - STMicroelectronics ST70137 Datasheet HTML 4Page - STMicroelectronics ST70137 Datasheet HTML 5Page - STMicroelectronics ST70137 Datasheet HTML 6Page - STMicroelectronics ST70137 Datasheet HTML 7Page - STMicroelectronics ST70137 Datasheet HTML 8Page - STMicroelectronics ST70137 Datasheet HTML 9Page - STMicroelectronics ST70137 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ST70137
6/22
35
PCI_AD[27]
I/O
8mA
36
PCI_AD[26]
I/O
8mA
37
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD Protection
38
PCI_AD[25]
I/O
8mA
39
PCI_AD[24]
I/O
8mA
40
VSS
P
Ground
41
PCI_CBE_N[3]
I/O
8mA
42
PCI_IDSEL
I
43
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD Protection
44
PCI_AD[23]
I/O
8mA
45
PCI_AD[22]
I/O
8mA
46
VSS
P
Ground
47
PCI_AD[21]
I/O
8mA
48
PCI_AD[20]
I/O
8mA
49
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD Protection
50
PCI_AD[19]
I/O
8mA
51
PCI_AD[18]
I/O
8mA
52
VSS
P
Ground
53
PCI_AD[17]
I/O
8mA
54
PCI_AD[16]
I/O
8mA
55
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads
56
VDD1.8
P
Power supply pins 1.8V for Core
57
PCI_CBE_N[2]
I/O
8mA
58
PCI_FRAMEN
I/O
8mA
59
VSS
P
Ground
60
PCI_IRDYN
I/O
8mA
61
PCI_TRDYN
I/O
8mA
62
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD Protection
63
PCI_DEVSELN
I/O
8mA
64
PCI_STOPN
I/O
8mA
65
VSS
P
Ground
66
PCI_PERRN
I/O
8mA
67
PCI_SERRN
I/O
8mA
68
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD Protection
69
PCI_PAR
I/O
8mA
70
PCI_CBE_N[1]
I/O
8mA
71
VSS
P
Ground
72
PCI_AD[15]
I/O
8mA
73
PCI_AD[14]
I/O
8mA
PIN
NAME
TYPE
DRIVE
DESCRIPTION
PIN LIST (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com