Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST70137 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST70137
Description  UNICORNTM PCI & USB CONTROLLERLESS ADSL DMT TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST70137 Datasheet(HTML) 5 Page - STMicroelectronics

  ST70137 Datasheet HTML 1Page - STMicroelectronics ST70137 Datasheet HTML 2Page - STMicroelectronics ST70137 Datasheet HTML 3Page - STMicroelectronics ST70137 Datasheet HTML 4Page - STMicroelectronics ST70137 Datasheet HTML 5Page - STMicroelectronics ST70137 Datasheet HTML 6Page - STMicroelectronics ST70137 Datasheet HTML 7Page - STMicroelectronics ST70137 Datasheet HTML 8Page - STMicroelectronics ST70137 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ST70137
5/22
PIN LIST
PIN
NAME
TYPE
DRIVE
DESCRIPTION
1
VDD3.3
P
Power supply pins 3.3V for I/O pads (not PCI)
2
GPIO [0]
I/O
4mA
3
GPIO [1]
I/O
4mA
4
GPIO [2]
I/O
4mA
5
GPIO [3]
I/O
4mA
6
VSS
P
Ground
7
DATA_MINUS
I/O
8
DATA_PLUS
I/O
9
VSS
P
Ground
10
RSTN
I
11
CFG_SCE
O
4mA
12
CFG_SCK/GPO[ 6]
O
4mA
13
CFG_SDI
I
14
CFG_SDO/GPO[ 7]
O
4mA
15
VDD 1.8
P
Power supply pins 1.8V for Core
16
C_EXT
P
External Capacitor to reduce ripple of the internal DC regulator 1
17
VSS
Ground
18
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD protection
19
VR50F
P
Power Supply for DC regulator (3.3V)
20
PCI_INTAN
OD
8mA
Low, High Impendance
21
PCI_RSTN
I
22
VSS
P
Ground
23
PCI_CLK
I
24
PCI_GNTN
I
25
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads ESD protection
26
PCI_REQN
O
8mA
27
PCI_PMEN
OD
8mA
28
VSS
P
Ground
29
PCI_AD[31]
I/O
8mA
30
PCI_AD[30]
I/O
8mA
31
VDD3.3
P
Power supply pins 3.3V for PCI I/O pads
32
PCI_AD[29]
I/O
8mA
33
PCI_AD[28]
I/O
8mA
34
VSS
P
Ground
Note
1. Pin C_EXT must be connected:
10nF
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com