Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 28 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 24Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 25Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 26Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 27Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 28Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 29Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 30Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 31Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
COMPONENT LOCATION
TRACE WIDTH
TPA2016D2
SLOS524B – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
Figure 36. Land Pattern Dimensions
Table 5. Land Pattern Dimensions(1) (2) (3) (4)
SOLDER PAD
SOLDER MASK(5)
COPPER
STENCIL
COPPER PAD
STENCIL(6) (7) OPENING
DEFINITIONS
OPENING
THICKNESS
THICKNESS
275
µm
375
µm
Non solder mask
275
µm × 275 µm Sq. (rounded
1 oz max (32
µm)
125
µm thick
defined (NSMD)
corners)
(+0.0, –25
µm)
(+0.0, –25
µm)
(1)
Circuit traces from NSMD defined PWB lands should be 75
µm to 100 µm wide in the exposed area inside the solder mask opening.
Wider trace widths reduce device stand off and impact reliability.
(2)
Best reliability results are achieved when the PWB laminate glass transition temperature is above the operating the range of the
intended application.
(3)
Recommend solder paste is Type 3 or Type 4.
(4)
For a PWB using a Ni/Au surface finish, the gold thickness should be less 0.5 mm to avoid a reduction in thermal fatigue performance.
(5)
Solder mask thickness should be less than 20
µm on top of the copper circuit pattern
(6)
Best solder stencil performance is achieved using laser cut stencils with electro polishing. Use of chemically etched stencils results in
inferior solder paste volume control.
(7)
Trace routing away from WCSP device should be balanced in X and Y directions to avoid unintentional component movement due to
solder wetting forces.
Place all the external components very close to the TPA2016D2. Placing the decoupling capacitor, CS, close to
the TPA2016D2 is important for the efficiency of the Class-D amplifier. Any resistance or inductance in the trace
between the device and the capacitor can cause a loss in efficiency.
Recommended trace width at the solder balls is 75
µm to 100 µm to prevent solder wicking onto wider PCB
traces. For high current pins (PVDD (L, R), PGND, and audio output pins) of the TPA2016D2, use 100-
µm trace
widths at the solder balls and at least 500-
µm PCB traces to ensure proper performance and output power for
the device. For the remaining signals of the TPA2016D2, use 75-
µm to 100-µm trace widths at the solder balls.
The audio input pins (INR± and INL±) must run side-by-side to maximize common-mode noise cancellation
28
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com