Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 20 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 16Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 17Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 18Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 19Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 20Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 21Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 22Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 23Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Register(N)
8-BitDatafor
8-BitDatafor
Register(N+1)
SINGLE-AND MULTIPLE-BYTE TRANSFERS
SINGLE-BYTE WRITE
A6
A5
A4
A3
A2
A1
A0
R/W ACK A7
A6
A5
A4
A3
A2
A1
A0 ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
DataByte
TPA2016D2
SLOS524B – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
address and the read/write (R/W) bit to open communication with another device, and then waits for an
acknowledge condition. The TPA2016D2 holds SDA low during the acknowledge clock period to indicate
acknowledgment. When this acknowledgment occurs, the master transmits the next byte of the sequence. Each
device is addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share the same
signals via a bidirectional bus using a wired-AND connection.
An external pull-up resistor must be used for the SDA and SCL signals to set the logic high level for the bus.
When the bus level is 5 V, use pull-up resistors between 1 k
Ω and 2 kΩ.
Figure 31. Typical I2C Sequence
There is no limit on the number of bytes that can be transmitted between start and stop conditions. When the last
word transfers, the master generates a stop condition to release the bus. A generic data transfer sequence is
shown in Figure 31.
The serial control interface supports both single-byte and multi-byte read/write operations for all registers.
During multiple-byte read operations, the TPA2016D2 responds with data, one byte at a time, starting at the
register assigned, as long as the master device continues to respond with acknowledgments.
The TPA2016D2 supports sequential I2C addressing. For write transactions, if a register is issued followed by
data for that register and all the remaining registers that follow, a sequential I2C write transaction has occurred.
For I2C sequential write transactions, the register issued then serves as the starting point, and the amount of
data subsequently transmitted, before a stop or start is transmitted, determines the number of registers written.
As Figure 32 shows, a single-byte data write transfer begins with the master device transmitting a start condition
followed by the I2C device address and the read/write bit. The read/write bit determines the direction of the data
transfer. For a write data transfer, the read/write bit must be set to '0'. After receiving the correct I2C device
address and the read/write bit, the TPA2016D2 responds with an acknowledge bit. Next, the master transmits the
register byte corresponding to the TPA2016D2 internal memory address being accessed. After receiving the
register byte, the TPA2016D2 again responds with an acknowledge bit. Next, the master device transmits the
data byte to be written to the memory address being accessed. After receiving the register byte, the TPA2016D2
again responds with an acknowledge bit. Finally, the master device transmits a stop condition to complete the
single-byte data write transfer.
Figure 32. Single-Byte Write Transfer
20
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com