Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 27 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 23Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 24Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 25Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 26Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 27Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 28Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 29Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 30Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
DECOUPLING CAPACITOR S)
INPUT CAPACITORS I)
C
I
I
1
f =
(2
R
C )
p ´
´
(5)
I
I
C
1
C =
(2
R
f )
p ´
´
(6)
BOARD LAYOUT
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
The TPA2016D2 is a high-performance Class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) 1-
µF ceramic capacitor
(typically) placed as close as possible to the device PVDD (L, R) lead works best. Placing this decoupling
capacitor close to the TPA2016D2 is important for the efficiency of the Class-D amplifier, because any resistance
or inductance in the trace between the device and the capacitor can cause a loss in efficiency. For filtering
lower-frequency noise signals, a 4.7
µF or greater capacitor placed near the audio power amplifier would also
help, but it is not required in most applications because of the high PSRR of this device.
The input capacitors and input resistors form a high-pass filter with the corner frequency, fC, determined in
Equation 5.
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speakers in wireless phones cannot usually respond well to low frequencies, so the
corner frequency can be set to block low frequencies in this application. Not using input capacitors can increase
output offset. Equation 6 is used to solve for the input coupling capacitance. If the corner frequency is within the
audio band, the capacitors should have a tolerance of ±10% or better, because any mismatch in capacitance
causes an impedance mismatch at the corner frequency and below.
In making the pad size for the WCSP balls, it is recommended that the layout use non solder mask defined
(NSMD) land. With this method, the solder mask opening is made larger than the desired land area, and the
opening size is defined by the copper pad width. Figure 36 and Table 5 shows the appropriate diameters for a
WCSP layout. The TPA2016D2 evaluation module (EVM) layout is shown in the next section as a layout
example.
Copyright © 2008, Texas Instruments Incorporated
27
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com