Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 15 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 11Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 12Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 13Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 14Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 15Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 16Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 17Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 18Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
1
Gain change = 1
× Input signal change
Compression ratio
æ
ö
-
ç
÷
è
ø
(3)
1
24 dB =
1
× 32
4
æ
ö
-
ç
÷
è
ø
(4)
V
-dBV
IN
Increasing
FixedGain
Decreasing
1
:1
2 :
1
4 :1
8 :1
1
:1
2 :
1
4 :1
8 :1
Rotation
Point@
lowergain
Rotation
Point@
highergain
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
The gain change equation is:
Consider the following when setting the compression ratio:
• Dynamic range of the speaker
• Fixed gain level
• Limiter Level
• Audio Loudness vs Output Dynamic Range.
Figure 25 shows different settings for dynamic range and different fixed gain selected but no limiter level.
Figure 25. Output Signal vs Input Signal State Diagram Showing Different Compression Ratio
Configurations with Different Fixed Gain Configurations
The rotation point is always at Vin = 10dBV. The rotation point is not located at the intersection of the limiter
region and the compression region. By changing the fixed gain the rotation point will move in the y-axis direction
only, as shown in the previous graph.
Interaction between compression ratio and limiter range: The compression ratio can be limited by the limiter
range. Note that the limiter range is selected by the limiter level and the fixed gain.
For a setting with large limiter range, the amount of gain steps in the AGC remaining to perform compression are
limited. Figure 26 shows two examples, where the fixed gain was changed.
1. Small limiter range yielding a large compression region (small fixed gain).
2. Large limiter range yielding a small compression region (large fixed gain).
Copyright © 2008, Texas Instruments Incorporated
15
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com