Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 16 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 12Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 13Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 14Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 15Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 16Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 17Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 18Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 19Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
V
- dBV
IN
Large Limiter
Range
Small
Compression
Region
Large
Compression
Region
Small Limiter
Range
Rotation
Point @
lower gain
Rotation
Point @
higher gain
time
time
NoiseGateThreshold
No
Audio
Gaindoesnotchange
inthisregion
TPA2016D2
SLOS524B – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
Figure 26. Output Signal vs Input Signal State Diagram Showing the Effects of the Limiter Range to the
Compression Region
Noise Gate Threshold: The noise gate threshold prevents the AGC from changing the gain when there is no
audio at the input of the amplifier. The noise gate threshold stops gain changes until the input signal is above the
noise gate threshold. Select the noise gate threshold to be above the noise but below the minimum audio at the
input of the amplifier signal. A filter is needed between delta-sigma CODEC/DAC and TPA2016D2 for
effectiveness of the noise gate function. The filter eliminates the out-of-band noise from delta-sigma modulation
and keeps the CODEC/DAC output noise lower than the noise gate threshold.
Figure 27. Time Diagram Showing the Relationship Between Input Signal Amplitude, Noise Gate
Threshold and Gain Versus Time
Maximum Gain: This variable limits the number of gain steps in the AGC. This feature is useful in order to
accomplish a more advanced output signal vs. input signal transfer characteristic.
For example, to prevent the gain from going above a certain value, reduce the maximum gain.
However, this variable will affect the limiter range and the compression region. If the maximum gain is
decreased, the limiter range and/or compression region is reduced. Figure 28 illustrates the effects.
16
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com