Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 19 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 15Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 16Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 17Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 18Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 19Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 20Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 21Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 22Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TPA2016D2 AGC OPERATION
TPA2016D2 AGC RECOMMENDED SETTINGS
GENERAL I
2C OPERATION
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
The TPA2016D2 is controlled by the I2C interface. The correct start-up sequence is:
1. Apply the supply voltage to the AVDD and PVDD (L, R)pins.
2. Apply a voltage above VIH to the SDZ pin. The TPA2016D2 powers up the I
2C interface and the control logic.
By default, the device is in active mode (SWS = 0). After a few milliseconds the amplifier will enable the
class-D output stage and become fully operational.
3. The amplifier starts at a gain of 0 dB and the AGC starts ramping the gain after the input signal exceeds the
noise gate threshold.
CAUTION:
Do not interrupt the start-up sequence after changing SDZ from VIL to VIH.
Do not interrupt the start-up sequence after changing SWS from 0 to 1.
The default conditions of TPA2016D2 allows audio playback without I2C control. Refer to Table 4 for entire
default conditions.
There are several options to disable the amplifier:
• Write SPK_EN_R = 0 and SPK_EN_L = 0 to the register (0x01, 6 and 0x01, 7). This write disables each
speaker amplifier, but leaves all other circuits operating.
• Write SWS = 1 to the register (0x01, 5). This action disables most of the amplifier functions.
• Apply V
IL to SDZ. This action shuts down all the circuits and has very low quiescent current consumption.
This action resets the registers to its default values.
CAUTION:
Do not interrupt the shutdown sequence after changing SDZ from VIH to VIL.
Do not interrupt the shutdown sequence after changing SWS from 1 to 0.
Table 2. Recommended AGC Settings for Different Types of Audio Source (VDD = 3.6V)
AUDIO
COMPRESSION
ATTACK TIME
RELEASE TIME
HOLD TIME
FIXED GAIN
LIMITER LEVEL
SOURCE
RATIO
(ms/6 dB)
(ms/6 dB)
(ms)
(dB)
(dBV)
Pop Music
4:1
1.28 to 3.84
986 to 1640
137
6
7.5
Classical
2:1
2.56
1150
137
6
8
Jazz
2:1
5.12 to 10.2
3288
—
6
8
Rap/ Hip Hop
4:1
1.28 to 3.84
1640
—
6
7.5
Rock
2:1
3.84
4110
—
6
8
Voice/ News
4:1
2.56
1640
—
6
8.5
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits in a
system. The bus transfers data serially one bit at a time. The address and data 8-bit bytes are transferred most
significant bit (MSB) first. In addition, each byte transferred on the bus is acknowledged by the receiving device
with an acknowledge bit. Each transfer operation begins with the master device driving a start condition on the
bus and ends with the master device driving a stop condition on the bus. The bus uses transitions on the data
terminal (SDA) while the clock is at logic high to indicate start and stop conditions. A high-to-low transition on
SDA indicates a start and a low-to-high transition indicates a stop. Normal data-bit transitions must occur within
the low time of the clock period. Figure 31 shows a typical sequence. The master generates the 7-bit slave
Copyright © 2008, Texas Instruments Incorporated
19
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com