Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 3Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 4Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 5Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 6Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 7Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 8Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 9Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 10Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
TYPICAL CHARACTERISTICS
Table of Graphs
VDD − Supply Voltage − V
0
2
4
6
8
10
2.5
3.5
4.5
5.5
G001
VDD − Supply Voltage − V
0
20
40
60
80
100
2.5
3.5
4.5
5.5
G002
SDZ = 0 V
SDZ = VDD, SWS = 1
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
with C(DECOUPLE) = 1 µF, CI = 1 µF.
All THD + N graphs are taken with outputs out of phase (unless otherwise noted).
All data is taken on left channel.
FIGURE
Quiescent supply current
vs Supply voltage
Figure 3
Supply current
vs Supply voltage in shutdown
Figure 4
Output level
vs Input level
Figure 5
Output level
vs Input level
Figure 6
Output level
vs Input level
Figure 7
Output level
vs Input level
Figure 8
Output level
vs Input level
Figure 9
Total harmonic distortion + noise
vs Frequency
Figure 10
Total harmonic distortion + noise
vs Frequency
Figure 11
Total harmonic distortion + noise
vs Output power
Figure 12
Supply ripple rejection ratio
vs Frequency
Figure 13
Efficiency
vs Output power (per channel)
Figure 14
Total power dissipation
vs Total output power
Figure 15
Total supply current
vs Total output power
Figure 16
Output power
vs Supply voltage
Figure 17
Shutdown time
Figure 18
Startup time
Figure 19
QUIESCENT SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE IN SHUTDOWN
Figure 3.
Figure 4.
Copyright © 2008, Texas Instruments Incorporated
7
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com