Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 5 Page - Texas Instruments

  TPA2016D2RGPR Datasheet HTML 1Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 2Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 3Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 4Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 5Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 6Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 7Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 8Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
OPERATING CHARACTERISTICS
TPA2016D2
IN+
IN–
OUT+
OUT–
V
DD
V
DD
GND
C
I
C
I
Measurement
Output
+
+
–
–
Load
30kHz
Low-Pass
Filter
Measurement
Input
+
–
1 F
m
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
at TA = 25°C, VDD = 3.6V, SDZ = 1.3 V, RL = 8 Ω +33 µH, and AV = 6 dB (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
kSVR
power-supply ripple rejection ratio
VDD = 3.6 Vdc with ac of 200 mVPP at 217 Hz
–68
dB
faud_in = 1 kHz; PO = 550 mW; VDD = 3.6 V
0.1%
faud_in = 1 kHz; PO = 1 W; VDD = 5 V
0.1%
THD+N
Total harmonic distortion + noise
faud_in = 1 kHz; PO = 630 mW; VDD = 3.6 V
1%
faud_in = 1 kHz; PO = 1.4 W; VDD = 5 V
1%
NfonF
Output integrated noise
Av = 6 dB
44
µV
NfoA
Output integrated noise
Av = 6 dB floor, A-weighted
33
µV
FR
Frequency response
Av = 6 dB
20
20000
Hz
THD+N = 10%, VDD = 5 V, RL = 8 Ω
1.72
W
THD+N = 10%, VDD = 3.6 V, RL = 8 Ω
750
mW
Pomax
Maximum output power
THD+N = 1%, VDD = 5 V, RL = 8 Ω
1.4
W
THD+N = 1% , VDD = 3.6 V, RL = 8 Ω
630
mW
THD+N = 1%, VDD = 3.6 V, RL = 8 Ω, PO= 0.63 W
90%
η
Efficiency
THD+N = 1%, VDD = 5 V, RL = 8 Ω, PO = 1.4 W
90%
TEST SET-UP FOR GRAPHS
(1)
All measurements were taken with a 1-
µF C
I (unless otherwise noted.)
(2)
A 33-
µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required, even if the analyzer has an internal low-pass filter. An RC low-pass filter (1 k
Ω
4.7 nF) is used on each output for the data sheet graphs.
Copyright © 2008, Texas Instruments Incorporated
5
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com