Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 25 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 21Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 22Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 23Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 24Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 25Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 26Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 27Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 28Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
AGC FIXED GAIN CONTROL (Address: 5)
REGISTER
LABEL
DEFAULT
DESCRIPTION
I2C BIT
ADDRESS
05 (05H) –
7:6
Unused
00
AGC Fixed
5:0
Fixed Gain
00110 (6dB)
Sets the fixed gain of the amplifier: two's compliment
Gain Control
Gain
100100
–28 dB
100101
–27 dB
100110
–26 dB
(gain increases by 1 dB with every step)
111101
–3 dB
111110
–2 dB
111111
–1 dB
000000
0 dB
000001
1 dB
000010
2 dB
000011
3 dB
(gain increases by 1dB with every step)
011100
28 dB
011101
29 dB
011110
30 dB
Fixed Gain
These bits are used to select the fixed gain of the amplifier. If the Compression is enabled,
fixed gain is adjustable from –28dB to 30dB. If the Compression is disabled, fixed gain is
adjustable from 0dB to 30dB.
Copyright © 2008, Texas Instruments Incorporated
25
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com