Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 26 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 22Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 23Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 24Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 25Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 26Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 27Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 28Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 29Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
TPA2016D2
SLOS524B – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
AGC CONTROL (Address: 6)
REGISTER
LABEL
DEFAULT
DESCRIPTION
I2C BIT
ADDRESS
06 (06H) –
7
Output Limiter
0 (enable)
Disables the output limiter function. Can only be disabled when the AGC compression
AGC Control
Disable
ratio is 1:1 (off)
6:5
NoiseGate
01 (4mVrms)
Select the threshold of the noise gate
Threshold
Threshold
00
1 mVrms
01
4 mVrms
10
10 mVrms
11
20 mVrms
4:0
Output Limiter
11010 (6.5dBV)
Selects the output limiter level
Level
Output Power (Wrms)
Peak Output Voltage
dBV
(Vp)
00000
0.03
0.67
–6.5
00001
0.03
0.71
–6
00010
0.04
0.75
–5.5
(Limiter level increases by 0.5dB with every step)
11101
0.79
3.55
8
11110
0.88
3.76
8.5
11111
0.99
3.99
9
Output Limiter
This bit disables the output limiter function when set to 1. Can only be disabled when
Disable
the AGC compression ratio is 1:1
NoiseGate Threshold
These bits set the threshold level of the noise gate. NoiseGate Threshold is only
functional when the compression ratio is not 1:1
Output Limiter Level
These bits select the output limiter level. Output Power numbers are for 8
Ω load.
AGC CONTROL (Address: 7)
REGISTER
LABEL
DEFAULT
DESCRIPTION
I2C BIT
ADDRESS
07 (07H) –
7:4
Max Gain
1100 (30 dB)
Selects the maximum gain the AGC can achieve
AGC Control
Gain
0000
18 dB
0001
19 dB
0010
20 dB
(gain increases by 1 dB with every step)
1100
30 dB
3:2
Unused
00
1:0
Compression
10 (4:1)
Selects the compression ratio of the AGC
Ratio
Ratio
00
1:1 (off)
01
2:1
10
4:1
11
8:1
Compression Ratio These bits select the compression ratio. Output Limiter is enabled by default when the
compression ratio is not 1:1.
Max Gain
These bits select the maximum gain of the amplifier. In order to maximize the use of the
AGC, set the Max Gain to 30dB
26
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com