Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 4 Page - Texas Instruments

  TPA2016D2RGPR Datasheet HTML 1Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 2Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 3Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 4Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 5Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 6Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 7Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 8Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPA2016D2
SLOS524B – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
AVAILABLE OPTIONS(1)
TA
PACKAGED DEVICES(2)
PART NUMBER
SYMBOL
TPA2016D2 YZHR
CCJ
16-ball, 2,2 mm × 2,2 mm WCSP (+0.01 mm/
–40°C to 85°C
-0.09 mm tolerance)
TPA2016D2 YZHT
CCJ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com
(2)
The YZH packages are only available taped and reeled. The suffix R indicates a reel of 3000; the suffix T indicates a reel of 250.
MIN
MAX
UNIT
VDD
Supply voltage
AVDD, PVDDR, PVDDL
2.5
5.5
V
VIH
High-level input voltage
SDZ, SDA, SCL
1.3
V
VIL
Low-level input voltage
SDZ, SDA, SCL
0.6
V
TA
Operating free-air temperature
–40
+85
°C
at TA = 25°C, VDD = 3.6 V, SDZ = 1.3 V, and RL = 8 Ω + 33 µH (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage range
2.5
3.6
5.5
V
SDZ = 0.35 V, VDD = 2.5 V
0.1
1
ISDZ
Shutdown quiescent current
SDZ = 0.35 V, VDD = 3.6 V
0.2
1
µA
SDZ = 0.35 V, VDD = 5.5 V
0.3
1
SDZ = 1.3 V, VDD = 2.5 V
35
50
Software shutdown quiescent
ISWS
SDZ = 1.3 V, VDD = 3.6 V
50
60
µA
current
SDZ = 1.3 V, VDD = 5.5 V
75
100
VDD = 2.5 V
3.5
4.5
IDD
Supply current
VDD = 3.6 V
3.7
4.7
mA
VDD = 5.5 V
4.5
5.5
fSW
Class D Switching Frequency
275
300
325
kHz
IIH
High-level input current
VDD = 5.5 V, SDZ = 5.8 V
1
µA
IIL
Low-level input current
VDD = 5.5 V, SDZ = –0.3 V
–1
µA
tSTART
Start-up time
2.5 V
≤ VDD ≤ 5.5 V no pop, CIN ≤ 1 µF
5
ms
POR
Power on reset ON threshold
2
2.3
V
POR
Power on reset hysteresis
0.2
V
RL = 8 Ω, Vicm = 0.5 V and Vicm = VDD – 0.8 V,
CMRR
Input common mode rejection
–70
dB
differential inputs shorted
VDD = 3.6 V, AV = 6 dB, RL = 8 Ω, inputs ac
Voo
Output offset voltage
–10
0
10
mV
grounded
Output Impedance in shutdown
2
k
Ω
ZOUT
SDZ = 0.35 V
mode
Gain accuracy
Compression and limiter disabled, Gain = 0 to 30 dB
–0.25
0.25
dB
PSRR
Power supply rejection ratio
VDD = 2.5 V to 4.7 V
-80
dB
4
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com