Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 5Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 6Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 7Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 8Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 9Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 10Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 11Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 12Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G009
Gain = 6 dB
RL = 8 Ω + 33 µH
VSupply = 5 V
1
10k
PO = 0.5 W
PO = 0.1 W
PO = 1 W
PO − Output Power − W
0.01
0.1
1
3
100
1
0.1
0.01
G010
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
10
VSupply = 3.6 V
VSupply = 5 V
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G011
Gain = 6 dB
RL = 8 Ω + 33 µH
Right Channel
20
100
1k
20k
10k
VCC = 3.6 V
VCC = 2.5 V
VCC = 5 V
PO − Output Power (Per Channel) − W
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
G012
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
PO − Total Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
G013
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
PO − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
G014
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 3.6 V
VDD = 2.5 V
VDD = 5 V
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 11.
Figure 12.
EFFICIENCY
vs
SUPPLY RIPPLE REJECTION RATIO
OUTPUT POWER (PER CHANNEL)
Figure 13.
Figure 14.
TOTAL POWER DISSIPATION
TOTAL SUPPLY CURRENT
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 15.
Figure 16.
Copyright © 2008, Texas Instruments Incorporated
9
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com