Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 14 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPA2016D2RGPR Datasheet HTML 10Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 11Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 12Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 13Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 14Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 15Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 16Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 17Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
V
-dBV
IN
Increasing
Limiter
Level
Decreasing
Limiter
Level
LimiterLevel= 500mW
LimiterLevel= 630mW
= 400
LimiterLevel
mW
V
-dBV
IN
LargeFixedGain
Small
Fixed
Gain
Input signal initial amplitude - |Current input signal amplitude|
Output signal amplitude =
Compression ratio
(1)
0dBV
| 32 dBV|
8dBV =
4
-
-
-
(2)
TPA2016D2
SLOS524B – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
Figure 23. Output Signal vs Input Signal State Diagram Showing Different Limiter Level Configurations
The limiter level and the fixed gain influence each other. If the fixed gain is set high, the AGC has a large limiter
range. The fixed gain is set low, the AGC has a short limiter range. Figure 24 illustrates the two examples:
Figure 24. Output Signal vs. Input Signal State Diagram Showing Same Limiter Level Configurations with
Different Fixed Gain Configurations
Compression Ratio: The compression ratio sets the relation between input and output signal outside the limiter
level region. The compression ratio compresses the dynamic range of the audio. For example if the audio source
has a dynamic range of 60dB and compression ratio of 2:1 is selected, then the output has a dynamic range of
30dB. Most small form factor speakers have small dynamic range. Compression ratio allows audio with large
dynamic range to fit into a speaker with small dynamic range.
The compression ratio also increases the loudness of the audio without increasing the peak voltage. The higher
the compression ratio, the louder the perceived audio.
For example:
• A compression ratio of 4:1 is selected (meaning that a 4dB change in the input signal results in a 1dB signal
change at the output)
• A fixed gain of 0dB is selected and the maximum audio level is at 0dBV.
When the input signal decreases to –32dBV, the amplifier increases the gain to 24dB in order to achieve an
output of –8dBV. The output signal amplitude equation is:
In this example:
14
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com