Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2016D2RGPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 1 Page - Texas Instruments

  TPA2016D2RGPR Datasheet HTML 1Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 2Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 3Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 4Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 5Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 6Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 7Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 8Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
YZH
1
FEATURES
DESCRIPTION
SIMPLIFIED APPLICATION DIAGRAM
APPLICATIONS
AVDD
INL–
INL+
AGND
PGND
OUTL+
OUTL–
PVDDR
10 F
m
ToBattery
SDA
INR–
INR+
C
1 F
IN
m
OUTR+
OUTR–
SCL
SDZ
I CClock
2
I CData
2
MasterShutdown
TPA2016D2
Digital
Baseband
Analog
Baseband
or
Codec
PVDDL
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
23
• Filter-Free Class-D Architecture
The TPA2016D2 is a stereo, filter-free Class-D audio
power amplifier with volume control, dynamic range
• 1.7 W/Ch Into 8 Ω at 5 V (10% THD+N)
compression (DRC) and automatic gain control
• 750 mW/Ch Into 8 Ω at 3.6 V (10% THD+N)
(AGC). It is available in a 2.2 mm x 2.2 mm WCSP
• Power Supply Range: 2.5 V to 5.5 V
package.
• Flexible Operation With/Without I2C
The
DRC/AGC
function
in
the
TPA2016D2
is
• Programmable DRC/AGC Parameters
programmable
via
a
digital
I2C
interface.
The
DRC/AGC function can be configured to automatically
• Digital I2C Volume Control
prevent distortion of the audio signal and enhance
• Selectable Gain from –28 dB to 30 dB in 1-dB
quiet passages that are normally not heard. The
Steps (when compression is used)
DRC/AGC can also be configured to protect the
• Selectable Attack, Release and Hold Times
speaker from damage at high power levels and
compress the dynamic range of music to fit within the
• 4 Selectable Compression Ratios
dynamic range of the speaker. The gain can be
• Low Supply Current: 3.5 mA
selected from –28 dB to +30 dB in 1-dB steps. The
• Low Shutdown Current: 0.2 µA
TPA2016D2 is capable of driving 1.7 W/Ch at 5 V or
750 mW/Ch at 3.6 V into 8
Ω load. The device
• High PSRR: 80 dB
features independent software shutdown controls for
• Fast Start-up Time: 5 ms
each channel and also provides thermal and short
• AGC Enable/Disable Function
circuit protection.
• Limiter Enable/Disable Function
In addition to these features, a fast start-up time and
• Short-Circuit and Thermal Protection
small package size make the TPA2016D2 an ideal
choice for cellular handsets, PDAs and other portable
• Space-Saving Package
applications.
–
2,2 mm × 2,2 mm Nano-Free™ WCSP (YZH)
• Wireless or Cellular Handsets and PDAs
• Portable Navigation Devices
• Portable DVD Player
• Notebook PCs
• Portable Radio
• Portable Games
• Educational Toys
• USB Speakers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Nano-Free is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA2016D2RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 46P
2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2016D2RTJR TI2-TPA2016D2RTJR Datasheet
1Mb / 51P
TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
REVISED MAY 2016
TPA2016D2RTJR.A TI2-TPA2016D2RTJR.A Datasheet
1Mb / 51P
TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
REVISED MAY 2016
TPA2016D2RTJR.B TI2-TPA2016D2RTJR.B Datasheet
1Mb / 51P
TPA2016D2 2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
REVISED MAY 2016
More results

Similar Description - TPA2016D2RGPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Texas Instruments
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com