Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 97Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 98Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 99Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 100Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 101Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 102Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 103Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 104Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 146 page
background image
101
AT89C51IC2
4301A–8051–01/04
Table 77. SSADR (096h) - Synchronus Serial Address Register (read/write)
Table 78. SSADR Register - Reset value = FEh
7654321
0
A7
A6
A5
A4
A3
A2
A1
A0
Bit
Number
Bit
Mnemonic
Description
7
A7
Slave Address bit 7
6
A6
Slave Address bit 6
5
A5
Slave Address bit 5
4
A4
Slave Address bit 4
3
A3
Slave Address bit 3
2
A2
Slave Address bit 2
1
A1
Slave Address bit 1
0GC
General Call bit
Clear to disable the general call address recognition.
Set to enable the general call address recognition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com