Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 99Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 100Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 101Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 102Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 103Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 104Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 105Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 106Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 146 page
background image
103
AT89C51IC2
4301A–8051–01/04
Table 80. WDTPRG Register
WDTPRG - Watchdog Timer Out Register (0A7h)
Reset value XXXX X000
WDT During Power Down
and Idle
In Power Down mode the oscillator stops, which means the WDT also stops. While in
Power Down mode the user does not need to service the WDT. There are 2 methods of
exiting Power Down mode: by a hardware reset or via a level activated external inter-
rupt which is enabled prior to entering Power Down mode. When Power Down is exited
with hardware reset, servicing the WDT should occur as it normally should whenever the
AT89C51IC2 is reset. Exiting Power Down with an interrupt is significantly different. The
interrupt is held low long enough for the oscillator to stabilize. When the interrupt is
brought high, the interrupt is serviced. To prevent the WDT from resetting the device
while the interrupt pin is held low, the WDT is not started until the interrupt is pulled high.
It is suggested that the WDT be reset during the interrupt service routine.
To ensure that the WDT does not overflow within a few states of exiting of powerdown, it
is better to reset the WDT just before entering powerdown.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting the
AT89C51IC2 while in Idle mode, the user should always set up a timer that will periodi-
cally exit Idle, service the WDT, and re-enter Idle mode.
7654
3210
-----
S2
S1
S0
Bit
Number
Bit
Mnemonic Description
7-
Reserved
The value read from this bit is undetermined. Do not try to set this bit.
6-
5-
4-
3-
2S2
WDT Time-out select bit 2
1S1
WDT Time-out select bit 1
0S0
WDT Time-out select bit 0
S2
S1 S0Selected Time-out
000
(2
14 - 1) machine cycles, 16. 3 ms @ F
OSCA =12 MHz
001
(215 - 1) machine cycles, 32.7 ms @ F
OSCA=12 MHz
0
10 (2
16 - 1) machine cycles, 65. 5 ms @ F
OSCA=12 MHz
011
(2
17 - 1) machine cycles, 131 ms @ F
OSCA=12 MHz
100
(218 - 1) machine cycles, 262 ms @ F
OSCA=12 MHz
1
01 (2
19 - 1) machine cycles, 542 ms @ F
OSCA=12 MHz
110
(2
20 - 1) machine cycles, 1.05 s @ F
OSCA=12 MHz
111
(221 - 1) machine cycles, 2.09 s @ F
OSCA=12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com