Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 105 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 101Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 102Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 103Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 104Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 105Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 106Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 107Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 108Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 146 page
background image
105
AT89C51IC2
4301A–8051–01/04
ONCE(TM) Mode (ON
Chip Emulation)
The ONCE mode facilitates testing and debugging of systems using AT89C51IC2 with-
out removing the circuit from the board. The ONCE mode is invoked by driving certain
pins of the AT89C51IC2; the following sequence must be exercised:
•
Pull ALE low while the device is in reset (RST high) and PSEN is high.
•
Hold ALE low as RST is deactivated.
While the AT89C51IC2 is in ONCE mode, an emulator or test CPU can be used to drive
the circuit Table 82 shows the status of the port pins during ONCE mode.
Normal operation is restored when normal reset is applied.
Table 82. External Pin Status during ONCE Mode
(a) "Once" is a registered trademark of Intel Corporation.
ALE
PSEN
Port 0
Port 1
Port 2
Port 3
Port I2
XTALA1/2
XTALB1/2
Weak
pull-up
Weak
pull-up
Float
Weak
pull-up
Weak
pull-up
Weak
pull-up
Float
Active
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com