Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 111 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 107Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 108Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 109Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 110Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 111Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 112Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 113Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 114Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 146 page
background image
111
AT89C51IC2
4301A–8051–01/04
Table 88. Program Lock Bits of the SSB
Note:
U: unprogrammed or "one" level.
P: programmed or "zero" level.
X: don’t care
WARNING: Security level 2 and 3 should only be programmed after Flash and code
verification.
Flash Memory Status
AT89C51IC2 parts are delivered in standard with the ISP boot in the Flash memory.
After ISP or parallel programming, the possible contents of the Flash memory are sum-
marized on Figure 42.
Figure 42. Flash Memory Possible Contents
Memory Organization
In the AT89C51IC2, the lowest 32K of the 64 KB program memory address space is
filled by internal Flash.
When the EA pin is high, the processor fetches instructions from internal program Flash.
Bus expansion for accessing program memory from 32K upward automatic since exter-
nal instruction fetches occur automatically when the program counter exceeds 7FFFh
(32K). If the EA pin is tied low, all program memory fetches are from external memory.
Program Lock Bits
Protection Description
Security
level
LB0
LB1
1
U
U
No program lock features enabled.
2
P
U
ISP programming of the Flash is disabled.
3
X
P
Same as 2, also verify through ISP programming interface is disabled.
0000h
Virgin
Default
After ISP
After Parallel
Programming
After Parallel
Programming
Application
Application
Virgin
After ISP
or
Dedicated
ISP
Dedicated
ISP
7FFFh
Application
Virgin
or
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com