Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51IC2-SLSCM Datasheet(PDF) 113 Page - ATMEL Corporation

Part # AT89C51IC2-SLSCM
Description  8-bit Flash Microcontroller with 2-wire Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51IC2-SLSCM Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button AT89C51IC2-SLSCM Datasheet HTML 109Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 110Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 111Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 112Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 113Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 114Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 115Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 116Page - ATMEL Corporation AT89C51IC2-SLSCM Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 146 page
background image
113
AT89C51IC2
4301A–8051–01/04
Functional Description
Figure 44. Bootloader Functional Description
On the above diagram, the on-chip bootloader processes are:
•
ISP Communication Management
The purpose of this process is to manage the communication and its protocol between
the on-chip bootloader and a external device. The on-chip ROM implement a serial pro-
tocol (see section Bootloader Protocol). This process translate serial communication
frame (UART) into Flash memory acess (read, write, erase ...).
•
User Call Management
Several Application Program Interface (API) calls are available for use by an application
program to permit selective erasing and programming of Flash pages. All calls are made
through a common interface (API calls), included in the ROM bootloader. The program-
ming functions are selected by setting up the microcontroller’s registers before making a
call to a common entry point (0xFFF0). Results are returned in the registers. The pur-
pose on this process is to translate the registers values into internal Flash Memory
Management.
•
Flash Memory Management
This process manages low level access to Flash memory (performs read and write
access).
ISP Communication
Management
User
Application
Specific Protocol
Communication
Management
Flash
Memory
Exernal Host with
Flash Memory
User Call
Management (API )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com